Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8525 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8525
Description  LOW SKEW, 1-TO-4 LVCMOS-TO-LVHSTL FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8525 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8525 Datasheet HTML 1Page - Integrated Circuit Systems ICS8525 Datasheet HTML 2Page - Integrated Circuit Systems ICS8525 Datasheet HTML 3Page - Integrated Circuit Systems ICS8525 Datasheet HTML 4Page - Integrated Circuit Systems ICS8525 Datasheet HTML 5Page - Integrated Circuit Systems ICS8525 Datasheet HTML 6Page - Integrated Circuit Systems ICS8525 Datasheet HTML 7Page - Integrated Circuit Systems ICS8525 Datasheet HTML 8Page - Integrated Circuit Systems ICS8525 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8525BG
www.icst.com/products/hiperclocks.html
REV. B JULY 27, 2001
1
Integrated
Circuit
Systems, Inc.
ICS8525
LOW SKEW, 1-TO-4
LVCMOS-TO-LVHSTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8525 is a low skew, high performance
1-to-4 LVCMOS-to-LVHSTL fanout buffer and a
member of the HiPerClockS™ family of High
Performance Clock Solutions from ICS. The
ICS8525 has two selectable clock inputs that ac-
cept LVCMOS or LVTTL input levels and translate them to
1.8V LVHSTL levels. The clock enable is internally synchro-
nized to eliminate runt pulses on the outputs during asyn-
chronous assertion/deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics
make the ICS8525 ideal for those applications demanding
well defined performance and repeatability.
FEATURES
• 4 differential 1.8V LVHSTL outputs
• Selectable LVCMOS / LVTTL clock inputs for redundant
and multiple frequency fanout applications
• Maximum output frequency up to 266MHz
• Translates LVCMOS and LVTTL levels to 1.8V
LVHSTL levels
• Output skew: 35ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 1.9ns (maximum)
• 3.3V core, 1.8V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
,&6
ICS8525
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm Package Body
G Package
Top View
GND
CLK_EN
CLK_SEL
CLK0
nc
CLK1
nc
nc
nc
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
nQ0
VDDO
Q1
nQ1
Q2
nQ2
VDDO
Q3
nQ3
CLK0
CLK1
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
CLK_EN
CLK_SEL
D
Q
LE


Similar Part No. - ICS8525

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8520 ICST-ICS8520 Datasheet
100Kb / 8P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8520DY ICST-ICS8520DY Datasheet
100Kb / 8P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
REV. B JULY 5, 2001
ICS8520DYI-02 ICST-ICS8520DYI-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02LF ICST-ICS8520DYI-02LF Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02LFT ICST-ICS8520DYI-02LFT Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
More results

Similar Description - ICS8525

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Integrated Device Techn...
8523I-03 IDT-8523I-03 Datasheet
230Kb / 16P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com