Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8520 Datasheet (PDF) - Integrated Circuit Systems

ICS8520 Datasheet PDF - Integrated Circuit Systems
Part # ICS8520
Download  ICS8520 Download
File Size   100.68 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER

ICS8520 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8520 Datasheet PDF - Integrated Circuit Systems

Part # ICS8520
Download  ICS8520 Click to download

File Size   100.68 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER

ICS8520 Datasheet (HTML) - Integrated Circuit Systems


ICS8520 Product details

GENERAL DESCRIPTION
The ICS8520 is a low skew, high performance 1-to-16 Differential-to-3.3V LVHSTL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8520 has 1 clock input pair. The CLK, nCLK pair can accept most standard differential input levels.

FEATURES
• 16 differential 3.3V LVHSTL outputs each with the ability to drive 50Ω to ground
• 1 differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 500MHz
• Translates single ended input levels to LVHSTL levels with resistor bias nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.6ns (maximum)
• VOH: 1.2V (maximum)
• 40% of VOH ≤ Vcrossover ≤ 60% of VOH
• 3.3V core, 1.8V output operating supply voltages
• 0°C to 70°C ambient operating temperature




Similar Part No. - ICS8520

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8520DYI-02 ICST-ICS8520DYI-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02LF ICST-ICS8520DYI-02LF Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02LFT ICST-ICS8520DYI-02LFT Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02T ICST-ICS8520DYI-02T Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
More results


Similar Description - ICS8520

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com