Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8520 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8520
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8520 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8520 Datasheet HTML 1Page - Integrated Circuit Systems ICS8520 Datasheet HTML 2Page - Integrated Circuit Systems ICS8520 Datasheet HTML 3Page - Integrated Circuit Systems ICS8520 Datasheet HTML 4Page - Integrated Circuit Systems ICS8520 Datasheet HTML 5Page - Integrated Circuit Systems ICS8520 Datasheet HTML 6Page - Integrated Circuit Systems ICS8520 Datasheet HTML 7Page - Integrated Circuit Systems ICS8520 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS8520DY
www.icst.com/products/hiperclocks.html
REV. B JULY 5, 2001
1
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8520
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS8520 is a low skew, high performance
1-to-16 Differential-to-3.3V LVHSTL Fanout Buffer
and a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS. The
ICS8520 has 1 clock input pair. The CLK, nCLK
pair can accept most standard differential input levels.
Guaranteed output skew, part-to-part skew and crossover
voltage characteristics make the ICS8520 ideal for interfac-
ing to today’s most advanced microprocessor and static
RAMs.
FEATURES
• 16 differential 3.3V LVHSTL outputs each with the ability to
drive 50
Ω to ground
• 1 differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential input
levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 500MHz
• Translates single ended input levels to LVHSTL levels with
resistor bias nCLK input
• Output skew: 50ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1.6ns (maximum)
• VOH: 1.2V (maximum)
• 40% of VOH
≤ Vcrossover ≤ 60% of VOH
• 3.3V core, 1.8V output operating supply voltages
• 0°C to 70°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
VCCO
Q11
nQ11
Q10
nQ10
GND
Q9
nQ9
Q8
nQ8
VCCO
VCC
CLK
VCCO
nQ0
Q0
nQ1
Q1
GND
nQ2
Q2
nQ3
Q3
VCCO
ICS8520
48-Lead LQFP
7mm x 7mm x 1.4mm body package
Y Package
Top View
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.
HiPerClockS™
,&6
CLK
nCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q15
nQ15
Q14
nQ14
Q13
nQ13
Q12
nQ12
Q11
nQ11
Q10
nQ10
Q9
nQ9
Q8
nQ8


Similar Part No. - ICS8520

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8520DYI-02 ICST-ICS8520DYI-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02LF ICST-ICS8520DYI-02LF Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02LFT ICST-ICS8520DYI-02LFT Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520DYI-02T ICST-ICS8520DYI-02T Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
More results

Similar Description - ICS8520

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521 ICST-ICS8521 Datasheet
139Kb / 13P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8520I-02 ICST-ICS8520I-02 Datasheet
140Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 16, 2005
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
ICS8523I-03 ICST-ICS8523I-03 Datasheet
202Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A OCTOBER 5, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Renesas Technology Corp
8523I-03 RENESAS-8523I-03 Datasheet
285Kb / 17P
Low Skew, 1-to-4 Differential-to-LVHSTL Fanout Buffer
11/9/15
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com