Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8520 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8520
Description  LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8520 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8520 Datasheet HTML 1Page - Integrated Circuit Systems ICS8520 Datasheet HTML 2Page - Integrated Circuit Systems ICS8520 Datasheet HTML 3Page - Integrated Circuit Systems ICS8520 Datasheet HTML 4Page - Integrated Circuit Systems ICS8520 Datasheet HTML 5Page - Integrated Circuit Systems ICS8520 Datasheet HTML 6Page - Integrated Circuit Systems ICS8520 Datasheet HTML 7Page - Integrated Circuit Systems ICS8520 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS8520DY
www.icst.com/products/hiperclocks.html
REV. B JULY 5, 2001
3
PRELIMINARY
Integrated
Circuit
Systems, Inc.
ICS8520
LOW SKEW, 1-TO-16
DIFFERENTIAL-TO-3.3V LVHSTL FANOUT BUFFER
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
e
d
o
M
t
u
p
t
u
O
o
t
t
u
p
n
Iy
t
i
r
a
l
o
P
K
L
CK
L
C
n5
1
Q
u
r
h
t
0
Q5
1
Q
n
u
r
h
t
0
Q
n
01
W
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
10
H
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
l
a
i
t
n
e
r
e
f
f
i
Dg
n
i
t
r
e
v
n
I
n
o
N
01
E
T
O
N
;
d
e
s
a
i
BW
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
11
E
T
O
N
;
d
e
s
a
i
BH
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
n
o
N
1
E
T
O
N
;
d
e
s
a
i
B0
H
G
I
HW
O
Ll
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
1
E
T
O
N
;
d
e
s
a
i
B1
W
O
LH
G
I
Hl
a
i
t
n
e
r
e
f
f
i
D
o
t
d
e
d
n
E
e
l
g
n
i
Sg
n
i
t
r
e
v
n
I
e
h
t
s
t
e
s
t
u
p
n
i
d
e
s
a
i
b
e
h
t
t
a
e
g
a
t
l
o
v
e
h
T
.
d
e
s
a
i
b
e
b
s
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
f
o
e
n
o
t
a
h
t
s
e
r
i
u
q
e
r
e
s
u
d
e
d
n
e
e
l
g
n
i
S
:
1
E
T
O
N
r
o
t
s
i
s
e
r
a
s
i
k
r
o
w
t
e
n
s
a
i
b
t
u
p
n
i
d
e
d
n
e
m
m
o
c
e
r
e
h
t
s
l
e
v
e
l
L
T
T
V
L
d
n
a
S
O
M
C
V
L
r
o
F
.
t
u
p
n
i
d
e
d
n
e
e
l
g
n
i
s
e
h
t
r
o
f
t
n
i
o
p
h
c
t
i
w
s
1
.
0
a
d
n
a
d
n
u
o
r
g
o
t
e
u
l
a
v
l
a
u
q
e
f
o
r
o
t
s
i
s
e
r
a
,
C
C
V
o
t
µ
s
i
t
n
i
o
p
h
c
t
i
w
s
g
n
i
t
l
u
s
e
r
e
h
T
.
d
n
u
o
r
g
o
t
t
u
p
n
i
e
h
t
m
o
r
f
r
o
t
i
c
a
p
a
c
F
.
V
m
0
0
3
±
2
/
C
C
V
y
l
e
t
a
m
i
x
o
r
p
p
a
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
N
I
Ce
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IK
L
C
n
,
K
L
C4
F
p
P
U
L
L
U
P
Rr
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
N
W
O
D
L
L
U
P
Rr
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com