Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8701-01
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8701-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Integrated
Circuit
Systems, Inc.
8701-01
www.icst.com
REV. A - AUGUST 28, 2000
ICS8701-01
LOW SKEW ¸1, ¸2 CLOCK
GENERATOR W/POLARITY CONTROL
2
TABLE 1. PIN DESCRIPTIONS
s
t
u
p
n
I
s
t
u
p
t
u
O
E
O
/
R
M
nx
L
E
S
_
V
I
D1
V
N
I0
V
N
IA
K
N
A
BB
K
N
A
BC
K
N
A
BD
K
N
A
By
c
n
e
u
q
e
rf
x
Q
0X
X
X
Z
i
HZ
i
HZ
i
HZ
i
Ho
r
e
z
10
0
0
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
i-
n
o
Ng
n
it
r
e
v
n
i-
n
o
Ng
n
it
r
e
v
n
i-
n
o
N2
/
N
If
10
0
1
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
i-
n
o
Ng
n
it
r
e
v
n
i-
n
o
N2
/
N
If
10
1
0
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
i-
n
o
N2
/
N
If
10
1
1
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
I2
/
N
If
11
0
0
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
i-
n
o
Ng
n
it
r
e
v
n
i-
n
o
Ng
n
it
r
e
v
n
i-
n
o
NN
If
11
0
1
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
i-
n
o
Ng
n
it
r
e
v
n
i-
n
o
NN
If
11
1
0
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
i-
n
o
NN
If
11
1
1
g
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
Ig
n
it
r
e
v
n
IN
If
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
N
I
Ce
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
F
p
P
U
L
L
U
P
Rr
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5KΩ
D
P
Ce
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
)t
u
p
t
u
o
r
e
p
(
V
5
6
4
.
3
=
x
O
D
D
V
,I
D
D
V
F
p
V
5
2
6
.
2
=
x
O
D
D
V
,
V
5
6
4
.
3
=
I
D
D
V
F
p
T
U
O
Re
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
it
p
i
r
c
s
e
D
4
4
,
2C
O
D
D
Vr
e
w
o
P
.
V
5
.
2
r
o
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
C
k
n
a
B
t
u
p
t
u
O
1
1
,
5D
O
D
D
Vr
e
w
o
P
.
V
5
.
2
r
o
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
D
k
n
a
B
t
u
p
t
u
O
2
3
,
6
2A
O
D
D
Vr
e
w
o
P
.
V
5
.
2
r
o
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
C
k
n
a
B
t
u
p
t
u
O
1
4
,
5
3B
O
D
D
Vr
e
w
o
P
.
V
5
.
2
r
o
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
B
k
n
a
B
t
u
p
t
u
O
,
8
1
,
9
,
7
,
0
3
,
8
2
,
1
2
,
6
4
,
9
3
,
7
3
8
4
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
o
t
t
c
e
n
n
o
C
.
d
n
u
o
r
G
0
2
,
6
1I
D
D
Vr
e
w
o
P.
V
3
.
3
o
t
t
c
e
n
n
o
C
.
y
l
p
p
u
s
r
e
w
o
p
t
u
p
n
I
,
9
2
,
7
2
,
5
2
3
3
,
1
3
,
2
A
Q
,
1
A
Q
,
0
A
Q
4
A
Q
,
3
A
Q
t
u
p
t
u
O7
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
A
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
,
8
3
,
6
3
,
4
3
2
4
,
0
4
,
2
B
Q
,
1
B
Q
,
0
B
Q
4
B
Q
,
3
B
Q
t
u
p
t
u
O7
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
B
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
,
7
4
,
5
4
,
3
4
3
,
1
,
2
C
Q
,
1
C
Q
,
0
C
Q
4
C
Q
,
3
C
Q
t
u
p
t
u
O7
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
C
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
,
8
,
6
,
4
2
1
,
0
1
,
2
D
Q
,
1
D
Q
,
0
D
Q
4
D
Q
,
3
D
Q
t
u
p
t
u
O7
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
D
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
2
2K
L
C
_
S
O
M
C
V
Lt
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.t
u
p
n
i
k
c
o
l
C
3
1D
L
E
S
_
V
I
Dt
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
D
k
n
a
b
r
o
f
n
o
i
s
i
v
i
d
y
c
n
e
u
q
e
rf
s
l
o
rt
n
o
C
4
1C
L
E
S
_
V
I
Dt
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
C
k
n
a
b
r
o
f
n
o
i
s
i
v
i
d
y
c
n
e
u
q
e
rf
s
l
o
rt
n
o
C
3
2B
L
E
S
_
V
I
Dt
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
B
k
n
a
b
r
o
f
n
o
i
s
i
v
i
d
y
c
n
e
u
q
e
rf
s
l
o
rt
n
o
C
4
2A
L
E
S
_
V
I
Dt
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
A
k
n
a
b
r
o
f
n
o
i
s
i
v
i
d
y
c
n
e
u
q
e
rf
s
l
o
rt
n
o
C
9
1
,
7
10
V
N
I
,
1
V
N
It
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
k
n
a
b
y
b
s
t
u
p
t
u
o
f
o
y
ti
r
a
l
o
p
s
e
n
i
m
r
e
t
e
D
5
1E
O
/
R
M
nt
u
p
n
Ip
u
ll
u
P
s
t
e
S
.
W
O
L
o
t
s
t
u
p
t
u
o
g
n
it
r
e
v
n
i-
n
o
n
s
t
e
s
e
R
.
e
l
b
a
n
e
t
u
p
t
u
o
d
n
a
t
e
s
e
r
r
e
t
s
a
M
e
c
a
fr
e
t
n
i
S
O
M
C
V
L
.
s
t
u
p
t
u
o
ll
a
s
e
l
b
a
s
i
d
d
n
a
s
e
l
b
a
n
E
.
H
G
I
H
o
t
s
t
u
p
t
u
o
g
n
it
r
e
v
n
i
.
s
l
e
v
e
l



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com