Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8701-01
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8701-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Integrated
Circuit
Systems, Inc.
8701-01
www.icst.com
REV. A - AUGUST 28, 2000
ICS8701-01
LOW SKEW ¸1, ¸2 CLOCK
GENERATOR W/POLARITY CONTROL
6
FIGURE 2A, 2B - TIMING WAVEFORMS
VOH - 300mV
VOL + 300mV
tPHZ
tPZH
tPLZ
tPZL
FIGURE 2B - DISABLE AND ENABLE TIMES
fin = 10MHz, Vamp = 3.3V, tr = tf = 600ps
nMR/OE
Q
Q
3.3V
0V
VDDO/2
VOH
VOL
VDDO/2
CLK
Q
tPHL
tPLH
VDDI/2
FIGURE 2A - PROPAGATION DELAYS
fin = 200MHz, Vamp = 3.3V, tr = tf = 600ps
VDDI/2
VDDI/2
VDDI/2
VDDI/2
VDDI/2
3.3V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com