Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8701-01
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8701-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS8701-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
8701-01
www.icst.com
REV. A - AUGUST 28, 2000
ICS8701-01
LOW SKEW ¸1, ¸2 CLOCK
GENERATOR W/POLARITY CONTROL
1
GENERAL DESCRIPTION
The ICS8701-01 is a low skew, ÷1, ÷2 Clock
Generator and a member of the HiPerClockS™
family of High Performance Clock Solutions
from ICS. The low impedance LVCMOS outputs
are designed to drive 50Ω series or parallel ter-
minated transmission lines. The effective fanout can be in-
creased from 20 to 40 by utilizing the ability of the outputs to
drive two series terminated lines.
The divide select inputs, DIV_SELx, control the output fre-
quency of each bank. The outputs can be utilized in the ÷1,
÷2 or a combination of ÷1 and ÷2 modes. The master reset/
output enable input, nMR/OE, resets the internal dividers and
controls the active and high impedance states of all outputs.
The output polarity inputs, INV0:1, control the polarity (invert-
ing or non-inverting) of the outputs of each bank. Outputs
QA0-QA4 are inverting for every combination of the INV0:1
input. The timing relationship between the inverting and non-
inverting outputs at different frequencies is shown in the Tim-
ing Diagrams.
The ICS8701-01 is characterized at 3.3V and mixed 3.3V in-
put supply, and 2.5V output supply operating modes. Guar-
anteed bank, output and part-to-part skew characteristics
make the ICS8701-01 ideal for those clock distribution appli-
cations demanding well defined performance and repeatabil-
ity.
FEATURES
• 20 LVCMOS outputs, 7Ω typical output impedance
• Output frequency up to 250 MHz
• 250ps bank skew, 300ps output skew, 350ps multiple
frequency skew, 700ps part-to-part skew
• Selectable inverting and non-inverting outputs
• LVCMOS / LVTTL clock input
• LVCMOS / LVTTL control inputs
• Bank enable logic allows unused banks to be disabled
in reduced fanout applications
• 3.3V or mixed 3.3V input, 2.5V output operating
supply modes
• 48 lead low-profile QFP (LQFP), 7mm x 7mm x 1.4mm
package body, 0.5mm package lead pitch
• 0°C to 70°C ambient operating temperature
• Other divide values available on request
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
,&6
DIV_SELA
DIV_SELB
DIV_SELC
DIV_SELD
nMR/OE
INV0
INV1
QAO - QA4
QB0 - QB4
QC0 - QC4
QD0 - QD4
LVCMOS_CLK
1
0
÷1
÷2
1
0
1
0
1
0
Output
Polarity
Control
48 47 46 45 44 43 42 41 40 39 38 37
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
QC3
VDDOC
QC4
QD0
VDDOD
QD1
GND
QD2
GND
QD3
VDDOD
QD4
QB1
VDDOB
QB0
QA4
VDDOA
QA3
GND
QA2
GND
QA1
VDDOA
QA0
48-Pin LQFP
Y Package
Top View
ICS8701-01


Similar Part No. - ICS8701-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
logo
Renesas Technology Corp
ICS87016AYILF RENESAS-ICS87016AYILF Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
ICS87016AYILFT RENESAS-ICS87016AYILFT Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
logo
Integrated Circuit Syst...
ICS8701CY ICST-ICS8701CY Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701CYI ICST-ICS8701CYI Datasheet
123Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A MARCH 16, 2001
More results

Similar Description - ICS8701-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A MARCH 16, 2001
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
(첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
(첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com