Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65M Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS90C65M
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65M Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS90C65M Datasheet HTML 1Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Inputs from VGA Controller
The VGA controller input to the ICS90C65 is:
•• SELEN
The ICS90C65 is programmed to generate different video
clock frequencies using the inputs of VSEL0, VSEL1, VSEL2,
and VSEL3. The signals VSEL2 and VSEL3 may be supplied
by the VGA controller as is the case in Western Digital Imaging
VGA controllers. The inputs VSEL0-1 are latched with the
signal SELEN. The SELEN input should be an active low
pulse. This active low pulse is generated in Western Digital
Imaging VGA controllers during I/O writes to internal register
3C2h.
Note: Only VSEL0 and VSEL1 are latched with signal SELEN.
Outputs to VGA Controller
The outputs from the ICS90C65 to the VGA controller are:
•• MCLK
•• VCLK
MCLK and VCLK are the two clock outputs to the VGA
controller.
User-Definable Inputs
The user definable inputs are:
•• EXTCLK
•• VLCKE, MCLKE
•• MSELO-2
•• VSEL2, VSEL3
•• PWRDN
EXTCLK is an additional input that may be internally routed
to the VCLK output. This additional input is useful for support-
ing modes that require frequencies not provided by the
ICS90C65 or for use during board test.
VCLKE and MCLKE are the output enable signals for VCLK
and MCLK. When low the respective output is tristated.
MSEL0-2 are the memory clock (MCLK) select lines. Ta-
ble 1-2 shows how MCLK frequencies are selected. All signals
in this group have internal pull-up resistors.
VSEL2 and VSEL3 are video clock (VCLK) select lines that
can select additional VCLK frequencies. See Table 1-1.
VSEL2 and VSEL3 have internal pull-ups.
PWRDN can place the ICS90C65 in a power-down mode
which drops its supply current requirement below 1 microamp.
When placed in this mode, the digital inputs may be either high
or low or floating without causing an increase in the ICS90C65
supply current.
The PWRDN pin must be low (It has an internal pull-down.)
in order to place the device in its low power state. The output
pins (VCLK and MCLK) are driven high by the ICS90C65
when it is in its low power state.
If CLKI is being driven by an external source, it may be driven
low or high without a power penalty. If CLKI is at an interme-
diate voltage (VSS+0.5 < VIN <VDD-0.5), there will be a small
increase in supply current. If CLKI is driven at 14.318 MHz
while the chip is in power-down, the ICS90C65 supply current
will increase to approximately 1.2 mA.
The SELEN (pin 6) may be used to guard against inadvertent
frequency changes during power-down/powerup sequences.
By holding the SELEN low during power-down and power-up
sequences, the ICS90C65 will retain the most recent video
frequency selection.
Analog Filters
The analog filters are integral to the ICS90C65 device. No
external components are required. This feature reduces PC
board space requirements and component costs. Phase-jitter is
reduced as externally-generated noise cannot easily influence
the phase-locked loop filter.
System Bus Inputs
The system bus inputs are:
•• CLKI
•• VSEL0
•• VSEL1
The ICS90C65 uses the system bus 14.318 MHz clock as a
reference to generate all its frequencies for both video and
memory clocks. Data lines D2 and D3 are commonly used as
inputs to VSEL0 and VSEL1 for video frequency selection.
ICS90C65
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com