Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65M Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS90C65M
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65M Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS90C65M Datasheet HTML 1Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
90C65ARevA111095
Dual Voltage Video/Memory Clock Generator
Introduction
The Integrated Circuit Systems ICS90C65 is a dual clock
generator for VGA applications. It simultaneously generates
two clocks. One clock is for the video memory, and the other
is the video dot clock.
The ICS90C65 has been specifically designed to serve the
portable PC market with operation at either 3.3V or 5V with a
comprehensive power-saving shut-down mode.
This data sheet supplies sales order information, a functional
overview, signal pin details, a block diagram, AC/DC charac-
teristics, timing diagrams, and package mechanical information.
Description
The Integrated Circuit Systems Video Graphics Array Clock
Generator (ICS90C65) is capable of producing different out-
put frequencies under firmware control. The video output
frequency is derived from a 14.318 MHz system clock avail-
able in IBM PC/XT/AT and Personal System/2 computers. It
is designed to work with Western Digital Imaging Video
Graphics Array and 8514/A devices to optimize video subsys-
tem performance.
Features
•• Specified for dual voltage operation (VDD=3.3V or 5V),
but operates continuously from 3.0V to 5.25V
•• Designed to be powered-down for extended battery life
•• Backward compatibility to the ICS90C64 and ICS90C63
•• Dual Clock generator for the IBM-compatible Western
Digital Imaging Video Graphics Array (VGA) LSI
devices, and 8514/A chip sets
•• Integral loop filter components, reduce cost and phase
jitter
•• Generates fifteen video clock frequencies (including
25.175 and 28.322 MHz) derived from a 14.318 MHz
system clock reference frequency
•• On-chip generation of eight memory clock frequencies
•• Video clock is selectable among the 15 internally gener-
ated clocks and one external clock
•• CMOS technology
•• Available in 20-pin PLCC, SOIC and DIP packages
Integrated
Circuit
Systems, Inc.
Note:ICS90C65N (DIP) pin-out is identical to ICS90C65M (SOIC) pin-out.
ICS90C65
The video dot clock output may be one of 15 internally-
generated frequencies or one external input. The selection of
the video dot clock frequency is done through four inputs.
•• VSEL0
•• VSEL1
•• VSEL2
•• VSEL3
VSEL0 and VSEL1 are latched by the SELEN signal. VSEL2
and VSEL3 are used as direct inputs to the VCLK selection.
Table 1-1 is the truth table for VCLK selection.
The input and truth table have been designed to allow a direct
connection to one of the many Western Digital Imaging VGA
controllers or 8514/A chip sets.
The MCLK output is one of eight internally-generated frequen-
cies as shown in Table 1-2. The various VCLK and MCLK
frequencies are derived from the 14.318 MHz input frequency.
The VCLKE and MCLKE input can tristate the VCLK and
MCLK outputs to facilitate board level testing.


Similar Part No. - ICS90C65M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9107C-21CS08 ICST-ICS9107C-21CS08 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9107C-22CS08 ICST-ICS9107C-22CS08 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9108-03CN14 ICST-ICS9108-03CN14 Datasheet
323Kb / 8P
CPU Frequency Generator
RevB032195
ICS9108-03CN8 ICST-ICS9108-03CN8 Datasheet
323Kb / 8P
CPU Frequency Generator
RevB032195
More results

Similar Description - ICS90C65M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1567 ICST-ICS1567 Datasheet
161Kb / 11P
Differential Output Video Dot Clock Generator
RevB090894
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
Dual Video/Memory Clock Generator
RevA090694
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Integrated Circuit Syst...
ICS9222-01 ICST-ICS9222-01 Datasheet
93Kb / 6P
Dual Memory Clock Generator
logo
Cypress Semiconductor
ICD2051 CYPRESS-ICD2051 Datasheet
134Kb / 8P
Dual Programmable Clock Generator
logo
Integrated Device Techn...
ICS9222-01 IDT-ICS9222-01 Datasheet
98Kb / 6P
Dual Memory Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
Clock Generator for Audio/Video Equipment
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
Clock Generator for Audio/Video Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com