Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS90C65M Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS90C65M
Description  Dual Voltage Video/Memory Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS90C65M Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS90C65M Datasheet HTML 2Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 3Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 4Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 5Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 6Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 7Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 8Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 9Page - Integrated Circuit Systems ICS90C65M Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Absolute Maximum Ratings
Ambient Temperature
under bias
0
°C to 70°C
Storage temperature
-40
°C to 125°C
Voltage on all inputs and
outputs with respect to VSS
0.3 to 7 volts
Note: Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of the specifications is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may
affect product reliability.
Standard Test Conditions
The characteristics below apply for the following standard test
conditions, unless otherwise noted. All voltages are referenced
to VSS (OV Ground). Positive current flows into the refer-
enced pin.
Operating Temperature
range
0
°C to 70°C
Power supply voltage
3.0 to 5.25 volts
SYMBOL
PARAMETER
MIN
MAX
NOTES
STROBE TIMING
Tpw
Tsu
Thd
Strobe Pulse Width
Setup Time Data to Strobe
Hold Time Data to Strobe
20
20
10
-
-
-
MCLK and VCLK TIMINGS @ 5.0V
Tr
Tf
-
-
-
-
Rise Time
Fall Time
Frequency Error
Maximum Frequency
Propagation Delay for Pass Through
Frequency
Output Enable to Tristate
(into and out of) time
-
-
-
2
2
0.5
135
20
15
Duty Cycle 40% min. to
60% max.
%
MHz
ns
ns
MCLK and VCLK TIMINGS @ 3.3V
Tr
Tf
-
-
-
-
Rise Time
Fall Time
Frequency Error
Maximum Frequency
Propagation Delay for Pass Through
Frequency
Output Enable to Tristate
(into and out of) time
-
-
-
3
3
.5
110
30
20
Duty Cycle 40% min. to
60% max.
%
MHz
ns
ns
AC Timing Characteristics
The following notes apply to all of the parameters presented in this section:
1. REFCLK = 14.318 MHz
2. TC = 1/FC
3. All units are in nanoseconds (ns).
4. Maximum jitter is within a range of 30
µs after triggering on a 400 MHz scope.
5. Rise and fall time is between 0.8 and 2.0 VDC unless otherwise stated.
6. Output pin loading = 15pF
7. Duty cycle is measured at VDD/2 unless otherwise stated.
ICS90C65
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com