Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-01 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9147F-01
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-01 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9147F-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ICS9147- 01
Notes:
1. All timing is referenced to the Internal CPU clock (defined as inside the ICS9147 device).
2. PD# is an asynchronous input and metastable conditions may exist. This signal is synchronized inside the ICS9147.
3. The shaded sections on the VCO and the Crystal signals indicate an active clock is being generated.
The power down selection is used to put the part into a very low power state without turning off the power to the part.
PD# is an asynchronous active low input. This signal is synchronized internal by the ICS9147-01 prior to its control
action of powering down the clock synthesizer. PD# is an asynchronous function for powering up the system. Internal
clocks will not be running after the device is put in power down state. When PD# is active (low) all clocks are driven to
a low state and held prior to turning off the VCOs and the Crystal oscillator. The power on latency is guaranteed to be
less than 3mS. The power down latency is less than three CPU clock cycles. BUSSTOP# and CPUSTOP# are don’t care
signals during the power down operations.
PD# Timing Diagram
Notes:
1. All timing is referenced to the Internal BUS clock (defined as inside the ICS9147 device.)
2. BUSSTOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be
synchronized inside the ICS9147.
3. All other clocks continue to run undisturbed.
4. PD# and CPUSTOP# are shown in a high (true) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com