Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9147F-01
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9147F-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9147- 01
Block Diagram
Pentium is a trademark of Intel Corporation
Frequency Generator & Integrated Buffers for PENTIUMTM
9147-01Rev B 04/25/01
Pin Configuration
The ICS9147-01 generates all clocks required for high
speed RISC or CISC microprocessor systems such as Intel
PentiumPro. Two bidirectional I/O pins (FS1,FS2) are latched
at power-on to the functionality table, with FS0 selectable
in real-time to toggle between conditions. The inputs
provide for tristate and test mode conditions to aid in
system level testing. These multiplying factors can be
customized for specific applications. Glitch-free stop
clockcontrols are provided for CPU clocks and BUS clocks.
High drive BUS and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30 pF loads. CPU outputs
typically provide better than 1V/ns slew rate into 20 pF
loads while maintaining 50 ±5% duty cycle. The REF clock
outputs typically provide better than 0.5V/ns slew rates.
Seperate buffers supply pins VDD2 allow for 3.3V or
reduced voltage swing (from 2.9 to 2.5V) for CPU (1:4) and
IOAPIC outputs.
•
Four copies of CPU clock
•
Six SDRAM (3.3 V TTL), usable as AGP clocks
•
Seven copies of BUS clock (synchronous with CPU
clock/2 or CPU/2.5 for 75 and 83.3 MHz CPU)
•
CPU clocks to BUS clocks skew 1-4ns (CPU early)
•
One IOAPIC clock @14.31818 MHz
•
Two copies of Ref. clock @14.31818 MHz
•
One each 48/ 24 MHz (3.3 V TTL)
•
This device is configured into the Mobile mode for
power management of Intel 430 TX
•
Ref. 14.31818 M Hz Xtal oscillator input
•
Separate 66/60 MHz select pin (LSB of select pins)
•
Separate VDD2 for four CPU and single IOAPIC output
buffers to allow 2.5V output (or Std. Vdd)
•
Power Management Control Input pins
•
3.0V – 3.7V supply range w/2.5V compatible outputs
•
48-pin SSOP package
48-Pin SSOP
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9147F-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147F-03 ICST-ICS9147F-03 Datasheet
365Kb / 8P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 04/25/01
ICS9147F-06 ICST-ICS9147F-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147F-09 ICST-ICS9147F-09 Datasheet
601Kb / 9P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 10/2897
More results

Similar Description - ICS9147F-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com