Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-01 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9147F-01
Description  Frequency Generator & Integrated Buffers for PENTIUMTM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-01 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9147F-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS9147F-01 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ICS9147-01
Pins 1 and 2 on the ICS9147-01 serve as dual signal functions
to the device. During initial power-up, they act as input
pins. The logic level (voltage) that is present on these pins at
this time is read and stored into a 4-bit internal data latch. At
the end of Power-On reset, (see AC characteristics for timing
values), the device changes the mode of operations for these
pins to an output function. In this mode the pins produce the
specified buffered clocks to external loads.
To program (load) the internal configuration register for
these pins, a resistor is connected to either the VDD (logic 1)
power supply or the GND (logic 0) voltage potential. A 10
Kilohm(10K) resistor is used to provide both the solid CMOS
programming voltage needed during the power-up
programming period and to provide an insignificant load on
the output clock during the subsequent operating period.
Figs. 1 and 2 show the recommended means of implementing
this function. In Fig. 1 either one of the resistors is loaded
onto the board (selective stuffing) to configure the device’s
internal logic. Figs. 2a and b
provide a single resistor
loading option where either solder spot tabs or a physical
jumper header may be used.
These figures illustrate the optimal PCB physical layout
options. These configuration resistors are of such a large
ohmic value that they do not effect the low impedance clock
signals. The layouts have been optimized to provide as little
impedance transition to the clock signal as possible, as it
passes through the programming resistor pad(s).
Shared Pin Operation -
Input/Output Pins
The ICS9147-01 includes a production test verification
mode of operation. This requires that the FSO and FS1 pins
be programmed to a logic high and the FS2 pin be
programmed to a
logic low(see
Shared Pin Operation
section). In this mode the device will output the following
frequencies.
Note: REF is the frequency of either the crystal connected
between the devices X1and X2 or, in the case of a device
being driven by an external reference clock, the frequency
of the reference (or test) clock on the device’s X1 pin.
Test Mode Operation
Fig. 1
n
i
P
y
c
n
e
u
q
e
r
F
C
I
P
A
O
I
,
F
E
RF
E
R
z
H
M
8
42
/
F
E
R
z
H
M
4
24
/
F
E
R
,
U
P
C
M
A
R
D
S
2
/
F
E
R
)
6
:
1
(
S
U
B4
/
F
E
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com