Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9147F-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9147F-03
Description  Frequency Generator & Integrated Buffers for 686 Series CPUs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9147F-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9147-03
Block Diagram
Pentium is a trademark of Intel Corporation
Frequency Generator & Integrated Buffers for 686 Series CPUs
9147-03 Rev A 04/25/01
Pin Configuration
The ICS9147-03 generates all clocks required for high
speed RISC or CISC microprocessor systems such as Intel
PentiumPro, AMD or Cyrix processors. Four bidirectional I/O
pins (FS0, FS1, FS2, BSEL) are latched at power-on to the
functionality table. The Six BUS clocks can be selected as
either synchronous at 1/2 CPU speed or asynchronous at
32MHz selected by BSEL latched input.The inputs provide
for tristate and test mode conditions to aid in system level
testing.These multiplying factors can be customized for
specific applications. Glitch-free stop clock controls
provided for SDRAM(5:8) and SDRAM (9:12) banks
(STP2#, STP3#).
High drive BUS and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30 pF loads. CPU outputs
typically provide better than 1V/ns slew rate into 20pF
loads while maintaining 50±5% duty cycle. The REF clock
outputs typically provide better than 0.5V/ns slew rates.
Seperate buffer supply pin VDDL allows for nominal 3.3V
voltage or reduced voltage swing (from 2.9 to 2.5V) for
CPUL (1:2) and IOAPIC outputs.
•
Total of 15 CPU speed clocks:
- Two copies of CPU clock with VDDL (2.5 to 3.3V)
- Twelve (12) SDRAM (3.3v) plus one
CPUH/AGP (3.3V) clocks
•
Six copies of BUS clocks (synchronous with CPU clock/2
or asynchronous 32 MHz)
•
250ps output skew window for CPU andSDRAM clocks
and 500ps window BUS clocks. CPU clocks to BUS clocks
skew 1-4ns (CPU early)
•
Two copies of Ref. clock @14.31818 MHz (One driven by
VDDL as IOAPIC)
•
One 48 MHz (3.3 V TTL) for USB support and single 24
MHz.
•
Separate VDDL for CPUL (1:2) clock buffers and IOAPIC to
allow 2.5V output (or Std. Vdd)
•
3.0V – 3.7V supply range w/2.5V compatible outputs
•
48-pin SSOP package
48-Pin SSOP
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9147F-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147F-01 ICST-ICS9147F-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147F-06 ICST-ICS9147F-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147F-09 ICST-ICS9147F-09 Datasheet
601Kb / 9P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 10/2897
More results

Similar Description - ICS9147F-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev B 04/25/01
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevA 5/29/97
ICS9147-09 ICST-ICS9147-09 Datasheet
601Kb / 9P
Frequency Generator & Integrated Buffers for 686 Series CPUs
Rev A 10/2897
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 072897
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUMTM
RevB 12/09/97
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
Frequency Generator & Integrated Buffers for PENTIUMTM
Rev A 020398
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
ICS9248-81 ICST-ICS9248-81 Datasheet
543Kb / 18P
Frequency Generator & Integrated Buffers
Rev E 10/12/99
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
Frequency Generator & Integrated Buffers for PENTIUMTM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com