Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8x01 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HTMS8x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8x01 Datasheet(HTML) 3 Page - NXP Semiconductors

  HTMS8x01 Datasheet HTML 1Page - NXP Semiconductors HTMS8x01 Datasheet HTML 2Page - NXP Semiconductors HTMS8x01 Datasheet HTML 3Page - NXP Semiconductors HTMS8x01 Datasheet HTML 4Page - NXP Semiconductors HTMS8x01 Datasheet HTML 5Page - NXP Semiconductors HTMS8x01 Datasheet HTML 6Page - NXP Semiconductors HTMS8x01 Datasheet HTML 7Page - NXP Semiconductors HTMS8x01 Datasheet HTML 8Page - NXP Semiconductors HTMS8x01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
3 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
32-bit password feature
2.4 Supported standards
Full compliant to ISO 11784 and ISO 11785 Animal ID
Designed to support ISO/IEC 14223 Animal ID with anticollision and read/write
functionality
2.5 Security features
48-bit Unique Identification Number (UID)
2.6 Delivery types
Sawn, gold-bumped 8” wafer
HVSON2
SOT-1122
3.
Applications
Animal identification
Laundry automation
Beer keg and gas cylinder logistic
Brand protection
4.
Quick reference data
[1]
Measured with an HP4285A LCR meter at 125 kHz/room temperature (25
C); V
IN1-IN2 = 0.5 V (RMS)
[2]
Integrated Resonance Capacitor: 210 pF
 3 %
[3]
Integrated Resonance Capacitor: 280 pF
 5 %
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Wafer EEPROM characteristics
tret
retention time
Tamb  55 C10
-
-
year
Nendu(W)
write endurance
100000
-
-
cycle
Interface characteristics
Ci
input capacitance
between LA and LB
HTMS1x01
[1][2]
203.7
210
216.3
pF
HTMS8x01
[1][3]
266
280
294
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com