Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8x01 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # HTMS8x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8x01 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button HTMS8x01 Datasheet HTML 38Page - NXP Semiconductors HTMS8x01 Datasheet HTML 39Page - NXP Semiconductors HTMS8x01 Datasheet HTML 40Page - NXP Semiconductors HTMS8x01 Datasheet HTML 41Page - NXP Semiconductors HTMS8x01 Datasheet HTML 42Page - NXP Semiconductors HTMS8x01 Datasheet HTML 43Page - NXP Semiconductors HTMS8x01 Datasheet HTML 44Page - NXP Semiconductors HTMS8x01 Datasheet HTML 45Page - NXP Semiconductors HTMS8x01 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
42 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
14.11 WRITE ISO 11785 (custom command)
[
, Advanced, Advanced+]
Upon reception of this command without error, the transponder IC (in Ready state) writes
128-bit of ISO 11785 TTF data into suitable reserved memory block and report the
success of the operation in the response. The user does not have to attend whether the
data is compliant to ISO 11785 or not. The command data block is sent exactly the same
way as it is sent by the transponder IC in TTF mode (Header, 64-bit ID, CRC…) after
entering the field again.
There are two different command codes one for locking the TTF area after successful
write command and one without locking.
The command must be completed by a reset of the IC. After entering the RF field the
ISO 11785 data is sent when the transponder is in ISO 11785 state.
Error Flag set to ’0’ indicates no error.
The minimum value of TFp1 is 20 ms.
Table 40.
WRITE ISO 11785 - request format (38h, 39h)
Flags
Command
Data 1
CRC-16
Description
5
6
128
(16)
No. of bits
00(1)00
111000
ISO 11785 TTF data
00(1)00
111001
ISO 11785 TTF data
inc. LOCK
Table 41.
Response to a successful WRITE ISO 11785 request
Error flag
CRC-16
Description
1
(16)
No. of bits
0
Fig 19. Waiting time before a response for WRITE ISO 11785 command
001aaj833
carrier on
request
response
request (or EOF)
carrier off
load off
load on
HITAG
μ
transceiver
TNRT
TFp1
TFp2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com