Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8x01 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HTMS8x01
Description  HITAG transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8x01 Datasheet(HTML) 4 Page - NXP Semiconductors

  HTMS8x01 Datasheet HTML 1Page - NXP Semiconductors HTMS8x01 Datasheet HTML 2Page - NXP Semiconductors HTMS8x01 Datasheet HTML 3Page - NXP Semiconductors HTMS8x01 Datasheet HTML 4Page - NXP Semiconductors HTMS8x01 Datasheet HTML 5Page - NXP Semiconductors HTMS8x01 Datasheet HTML 6Page - NXP Semiconductors HTMS8x01 Datasheet HTML 7Page - NXP Semiconductors HTMS8x01 Datasheet HTML 8Page - NXP Semiconductors HTMS8x01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 17 October 2014
152933
4 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
5.
Ordering information
Table 2.
Ordering information
Type number
Package
Name
Description
Type
Version
HTMS1001FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV
HITAG
, 210 pF
-
HTMS1101FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV
HITAG
 Advanced,
210 pF
-
HTMS1201FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV
HITAG
 Advanced+,
210 pF
-
HTMS8001FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV
HITAG
, 280pF
-
HTMS8101FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV
HITAG
 Advanced,
280 pF
-
HTMS8201FUG/AM
Wafer
sawn, megabumped wafer, 150 µm, 8 inch, UV
HITAG
 Advanced+,
280 pF
-
HTMS1001FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1
 1.45  0.5 mm
HITAG
, 210 pF
SOT1122
HTMS1101FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1
 1.45  0.5 mm
HITAG
 Advanced,
210 pF
SOT1122
HTMS1201FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1
 1.45  0.5 mm
HITAG
 Advanced+,
210 pF
SOT1122
HTMS8001FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1
 1.45  0.5 mm
HITAG
, 280 pF
SOT1122
HTMS8101FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1
 1.45  0.5 mm
HITAG
 Advanced,
280 pF
SOT1122
HTMS8201FTB/AF
XSON3
plastic extremely thin small outline package; no
leads; 4 terminals; body 1
 1.45  0.5 mm
HITAG
 Advanced+,
280 pF
SOT1122
HTMS1001FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3
 2 
0.85 mm
HITAG
, 210 pF
SOT899-1
HTMS1101FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3
 2 
0.85 mm
HITAG
 Advanced,
210 pF
SOT899-1
HTMS1201FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3
 2 
0.85 mm
HITAG
 Advanced+,
210 pF
SOT899-1
HTMS8001FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3
 2 
0.85 mm
HITAG
, 280 pF
SOT899-1
HTMS8101FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3
 2 
0.85 mm
HITAG
 Advanced,
280 pF
SOT899-1
HTMS8201FTK/AF
HVSON2
plastic thermal enhanced very thin small outline
package; no leads; 2 terminals; body 3
 2 
0.85 mm
HITAG
 Advanced+,
280 pF
SOT899-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com