Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9150-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9150-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
ICS9150- 01
Pin Descriptions
Power Groups
VDD = Supply for PLL core
VDD1 = REF 0, X1, X2
VDD2 = PCICLK_F, PCICLK (0:5)
VDD3 = SDRAM (0:11) (14:15), SDRAM13/CPU_STOP#, SDRAM12/PCI_STOP#
VDDL1 = IOAPIC (0:2)
VDDL2 = CPUCLK (0:4)
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
30
F
E
RT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
,
1
3
,
3
2
,
7
1
,
0
1
,
4
3
5
,
7
4
,
0
4
,
4
3
D
N
GR
W
P.
d
n
u
o
r
G
51
XN
I.
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.t
u
p
n
i
z
H
M
8
1
3
.
4
1
62
XT
U
O1
X
o
t
r
o
t
s
i
s
e
r
k
c
a
b
d
e
e
f
d
n
a
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
H
.t
u
p
t
u
o
l
a
t
s
y
r
C
9
2E
D
O
MN
I
,
s
e
r
u
t
a
e
f
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
g
n
il
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
s
e
d
o
M
.
p
u
ll
u
p
s
a
h
8F
_
K
L
C
I
C
PT
U
O.
0
=
#
P
O
T
S
_
I
C
P
g
n
i
r
u
d
k
c
o
l
c
S
U
B
g
n
i
n
n
u
r
e
e
r
F
3
1
,
2
1
,
1
1
,
9
,
4
16
1
)
5
:
0
(
K
L
C
I
C
PT
U
O.
s
t
u
p
t
u
o
k
c
o
l
c
S
U
B
0
30
S
FN
I
k
c
o
l
c
M
A
R
D
S
/
U
P
C
.
z
H
M
0
6
r
o
z
H
M
6
.
6
6
g
n
il
b
a
n
e
r
o
f
n
i
p
t
c
e
l
e
S
y
c
n
e
u
q
e
r
f
7
2A
T
A
D
SN
I.t
r
o
p
g
if
n
o
c
l
a
i
r
e
s
r
o
f
n
i
a
t
a
d
l
a
i
r
e
S
8
2K
L
C
SN
I.t
r
o
p
g
if
n
o
c
l
a
i
r
e
s
r
o
f
t
u
p
n
i
k
c
o
l
C
,
6
2
,
0
2
,
5
1
,
7
,
1
3
4
,
7
3
,
1
D
D
V
,
2
D
D
V
3
D
D
V
,
D
D
V
R
W
P.
n
o
it
c
n
u
f
r
o
f
s
p
u
o
r
g
r
e
w
o
p
e
e
s
,
y
l
p
p
u
s
r
e
w
o
p
V
3
.
3
l
a
n
i
m
o
N
6
5
,
0
51
L
D
D
V
,
2
L
D
D
VR
W
P
V
3
.
3
r
o
5
.
2
r
e
h
ti
e
,
y
l
p
p
u
s
r
e
w
o
p
r
e
f
f
u
b
k
c
o
l
c
C
I
P
A
O
I
d
n
a
U
P
C
.l
a
n
i
m
o
n
,
4
2
,
2
2
,
1
2
,
9
1
,
8
1
,
6
3
,
5
3
,
3
3
,
2
3
,
5
2
,
4
4
,
2
4
,
1
4
,
9
3
,
8
3
5
4
)
1
1
:
0
(
M
A
R
D
S
)
5
1
:
4
1
(
T
U
O)
z
H
M
6
.
6
6
/
0
6
(
s
k
c
o
l
c
M
A
R
D
S
5
5
,
4
5
,
2)
2
:
0
(
C
I
P
A
O
IT
U
O1
L
D
D
V
y
b
d
e
r
e
w
o
P
)
z
H
M
8
1
8
1
3
.
4
1
(
.t
u
p
t
u
o
k
c
o
l
c
C
I
P
A
O
I
2
5
,
1
5
,
9
4
,
8
4
,
6
4)
4
:
0
(
K
L
C
U
P
CT
U
O)
z
H
M
6
.
6
6
r
o
0
6
(
2
L
D
D
V
y
b
d
e
r
e
w
o
P
.
s
k
c
o
l
c
t
u
p
t
u
O
U
P
C
2
3
3
1
M
A
R
D
ST
U
O)
z
H
M
6
.
6
6
/
0
6
(
k
c
o
l
c
M
A
R
D
S
#
P
O
T
S
_
U
P
CN
I.
w
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
s
k
c
o
l
c
K
L
C
U
P
C
s
tl
a
H
3
3
2
1
M
A
R
D
ST
U
O)
z
H
M
6
.
6
6
/
0
6
(
k
c
o
l
c
M
A
R
D
S
#
P
O
T
S
_
I
C
PN
I.
w
o
l
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
)
5
:
0
(
K
L
C
I
C
P
s
tl
a
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com