Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9150-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9150-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9150-01
Block Diagram
Pentium is a trademark of Intel Corporation
Pentium Pro™ and SDRAM Frequency Generator
9150-01 RevE 4/25/01
Pin Configuration
The ICS9150-01 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel
PentiumPro. Two different reference frequency multiplying
factors are externally selectable with smooth frequency
transitions. An output enable is provided for testability.
High drive PCICLK and SDRAM outputs typically provide
greater than 1 V/ns slew rate into 30 pF loads. CPUCLK
outputs typically provide better than 1V/ns slew rate into
20 pF loads while maintaining 50 ±5% duty cycle. The REF
clock outputs typically provide better than 0.5V/ns slew rates.
•
Generates five processor, six bus, one 14.31818MHz
and 16 SDRAM clocks.
•
Synchronous clocks skew matched to 250 ps window
on PCLKs and 500ps window on BCLKs
•
Test clock mode eases system design
•
Selectable multiplying ratios
•
Custom configurations available
•
Output frequency ranges to 100 MHz (depending on
option)
•
3.0V – 3.7V supply range
•
PC serial configuration interface
•
Power Management Control Input pins
•
56-pin SSOP package
56-Pin SSOP
Functionality
0
S
F
,
K
L
C
U
P
C
M
A
R
D
S
)
z
H
M
(
F
E
R
,
1
X
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
00
.
0
68
1
3
.
4
10
3
16
.
6
68
1
3
.
4
13
.
3
3
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the latest
version of all device data to verify that any information being relied upon by the
customer is current and accurate.


Similar Part No. - ICS9150-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
Pentium Pro??and SDRAM Frequency Generator
More results

Similar Description - ICS9150-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9150-02 ICST-ICS9150-02 Datasheet
511Kb / 8P
Pentium Pro and SDRAM Frequency Generator
Rev D 09/18/97
ICS9150-04 ICST-ICS9150-04 Datasheet
465Kb / 19P
Pentium Pro??and SDRAM Frequency Generator
RevD 07/27/98
ICS9150-08 ICST-ICS9150-08 Datasheet
430Kb / 13P
Frequency Generator & Integrated Buffers for Pentium/Pro?
Rev E 09/28/98
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
Rev A 092297
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
Pentium Pro??and SDRAM Frequency Generator
ICS9150-04 IDT-ICS9150-04 Datasheet
464Kb / 19P
Pentium Pro??and SDRAM Frequency Generator
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com