Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150-01 Datasheet (PDF) - Integrated Circuit Systems

ICS9150-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS9150-01
Download  ICS9150-01 Download
File Size   329.92 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Pentium Pro??and SDRAM Frequency Generator

ICS9150-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9150-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS9150-01
Download  ICS9150-01 Click to download

File Size   329.92 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Pentium Pro??and SDRAM Frequency Generator

ICS9150-01 Datasheet (HTML) - Integrated Circuit Systems


ICS9150-01 Product details

General Description
The ICS9150-01 generates all clocks required for high speed RISC or CISC microprocessor systems such as Intel PentiumPro. Two different reference frequency multiplying factors are externally selectable with smooth frequency transitions. An output enable is provided for testability.

Features
• Generates five processor, six bus, one 14.31818MHz and 16 SDRAM clocks.
• Synchronous clocks skew matched to 250 ps window on PCLKs and 500ps window on BCLKs
• Test clock mode eases system design
• Selectable multiplying ratios
• Custom configurations available
• Output frequency ranges to 100 MHz (depending on option)
• 3.0V – 3.7V supply range
• PC serial configuration interface
• Power Management Control Input pins
• 56-pin SSOP package




Similar Part No. - ICS9150-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
Pentium Pro??and SDRAM Frequency Generator
More results


Similar Description - ICS9150-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9150-02 ICST-ICS9150-02 Datasheet
511Kb / 8P
Pentium Pro and SDRAM Frequency Generator
Rev D 09/18/97
ICS9150-04 ICST-ICS9150-04 Datasheet
465Kb / 19P
Pentium Pro??and SDRAM Frequency Generator
RevD 07/27/98
ICS9150-08 ICST-ICS9150-08 Datasheet
430Kb / 13P
Frequency Generator & Integrated Buffers for Pentium/Pro?
Rev E 09/28/98
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9148-37 ICST-ICS9148-37 Datasheet
425Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
ICS9148-08 ICST-ICS9148-08 Datasheet
474Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/Pro
Rev A 092297
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
Pentium Pro??and SDRAM Frequency Generator
ICS9150-04 IDT-ICS9150-04 Datasheet
464Kb / 19P
Pentium Pro??and SDRAM Frequency Generator
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com