Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-36 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9169CF-36
Description  Low Cost 20-Pin Frequency Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-36 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9169CF-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
ICS9169C-36
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 8, 13, 18
VDD
PWR
3.3V I/O power supply
2X1
IN
14.318MHz input (requires external components for feedback
resistor and load capacitors to be used with a crystal)
3
X2
OUT
Crystal output (no connect for non-crystal applications)
4, 11, 16
GND
Ground
Ground
5
OE
IN
Output enable (Tri-states all outputs when held low). Has pullup
6
AUDIO
OUT
3.3V Audio clock, runs per select table
7
AUDIO/2
OUT
3.3V Audio clock, runs per select table
9, 10
FS0, FS1
IN
Frequency mode select pins. Has pullup.
12
24 MHz
OUT
3.3V clock, runs @ 24 MHz
14, 15
48 MHz (0:1)
OUT
3.3V Clock, runs @ 48 MHz
19, 20
REF1, REF2
(1:2)
OUT
3.3V clock, runs @ 1x X1
17
SREF0
OUT
Strong reference clock OUT 3.3V clock, runs @ 1x X1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com