Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-36 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9169CF-36
Description  Low Cost 20-Pin Frequency Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-36 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9169CF-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
Low Cost 20-Pin Frequency Generator
ICS9169C-36
Pin Configuration
Block Diagram
ICS9169C-36RevD060197P
20-Pin SSOP
Functionality
3.3V±10%, 0-70°C
Clock source driving X1 pin or crystal (X1, X2) = 14.31818 MHz
(all frequencies in MHz)
Features
•
Generator for periphary clock chips as companion
device to CPU/SDRAM/PCI generator.
•
Accepts clock input at X1 pin or crystal across X1,
X2 pins as 14.31818 MHz nominal inputs.
•
Three REF clock buffer outputs (SREF is Strong)
•
Two 48MHz and one 24 MHz outputs
•
Selectable audio clock generator with audio (Audio)
and half speed (Audio/2) outputs
•
20 pin (209 mil) SSOP package
OE
All Outputs
0
Tristate
1
Active
FS1
FS0
AUDIO
AUDIO/2
SREF, REF
48 MHz
24 MHz
0
0
XTAL/2
XTAL/4
14.318
XTAL/2
XTAL/4
0
1
24.5795
12.2898
14.318
48.008
24.004
1
0
33.8680
16.9340
14.318
48.008
24.004
1
1
LOW
LOW
14.318
48.008
24.004
Description
TheICS9169C-36generates the I/O clocks needed as a satellite
clock generator to a CPU and PCI clock source (such as the
ICS9148-01 or ICS9150-01). This device can generate the
audio Codec or DSP clocks if required (or Stop those outputs
Low).
The device is nominally driven at the X1 pin by a 14.31818
MHz clock source. The device can also be driven by a crystal
using external load capacitors as a stand-alone generator.
The SREF0 output is a reference clock output which is stronger
to allow multiple ISA slots.
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9169CF-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169CF-231 ICST-ICS9169CF-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
ICS9169CF-232 ICST-ICS9169CF-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169CF-40 ICST-ICS9169CF-40 Datasheet
328Kb / 6P
System Clock Chip
RevA072897
ICS9169CF-41 ICST-ICS9169CF-41 Datasheet
152Kb / 7P
Frequency Generator for PentiumPro??Based Systems
Rev D 5/02/00
More results

Similar Description - ICS9169CF-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
Low Cost 20-Pin Frequency Generator
Rev F 12/13/00
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
Low-Cost 16-Pin Frequency Generator
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
Low Cost 20-Pin Frequency Generator
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com