Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169CF-36 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9169CF-36
Description  Low Cost 20-Pin Frequency Generator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9169CF-36 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9169CF-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS9169CF-36 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ICS9169C-36
3
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage ............................................................................................................ 7.0V
Voltage on I/O pins referenced to GND ............................... GND –0.5 V to VDD +0.5 V
Operating Temperature under bias .............................................................. 0°C to +70°C
Power dissipation ................................................................................................. 0.5 Watts
Storage Temperature .............................................................................. –40°C to +150°C
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
VDD=3.3V
-
-
0.2VDD
V
Input High Voltage
VIH
VDD=3.3V
0.7VDD
--
V
Input Low Current
IIL
VIN=0V (pull-up pin)
-250
-50
µA
Input High Current
IIH
VIN=VDD
-5
0
5
µA
Output Low Voltage
VOL1
SREF0 IOL = 16mA
0.25
0.40
V
Output High Voltage
VOH1
SREF0 IOH = -16mA
2.4
2.8
V
Output Low Current
IOL1
SREF0 VOL = 1.0V
32
50
mA
Output High Current
IOH1
SREF0 VOH = 2.0V
-44
-28
mA
Output Low Voltage
VOL2
AUDIO, AUDIO/2,
24MHz, 48MHz (0:1) Clocks
IOL = 10mA
0.25
0.4
V
Output High Voltage
VOH2
AUDIO, AUDIO/2,
24MHz, 48MHz (0:1) Clocks
IOH = -10mA
2.4
2.8
V
Output Low Current
IOL2
AUDIO, AUDIO/2,
24MHz, 48MHz (0:1) Clocks
VOL = 0.8V
19
30
mA
Output High Current
IOH2
AUDIO, AUDIO/2,
24MHz, 48MHz (0:1) Clocks
VOH = 2.0V
-26
-16
mA
Output Low Voltage
VOL3
REF (1:2) IOL = 8mA
0.3
0.4
V
Output High Voltage
VOH3
REF (1:2) IOH = -8mA
2.4
2.8
V
Output Low Current
IOL3
REF (1:2) VOL = 0.8V
16
25
mA
Output High Current
IOH3
REF (1:2) VOH = 2.0V
-22
-14
mA
Supply Current
IDD
Unloaded, 33.86 MHz
-
28
45
mA
Output Frequency Change
over Supply and Temperature1
FD
With respect to typical
frequency
-
20
100
ppm
Short circuit current
1
ISC
Each output clock
20
30
-
mA
Input Capacitance
1
CI
Except X1, X2
-
-
10
pF
Load Capacitance
1
CL
Pins X1, X2
-
5
-
pF
Pull-up Resistor
Rpu
at VIN=VDD-1V
15
30
60
k ohm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com