Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155 Datasheet (PDF) - Integrated Device Technology

AV9155 Datasheet PDF - Integrated Device Technology
Part # AV9155
Download  AV9155 Download
File Size   393.54 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Cost 20-Pin Frequency Generator

AV9155 Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9155 Datasheet PDF - Integrated Device Technology

Part # AV9155
Download  AV9155 Click to download

File Size   393.54 Kbytes
Page   11 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Low Cost 20-Pin Frequency Generator

AV9155 Datasheet (HTML) - Integrated Device Technology


AV9155 Product details

General Description
The AV9155 is a low cost frequency generator designed specifically for desktop and notebook PC applications. Its CPU clocks provide all necessary CPU frequencies for 286, 386 and 486 systems, including support for the latest speeds of processors. The device uses a 14.318 MHz crystal to generate the CPU and all peripheral clocks for integrated desktop motherboards.

Features
• Compatible with 286, 386, and 486 CPUs
• Supports turbo modes
• Generates communications clock, keyboard clock, floppy disk clock, system reference clock, bus clock and CPU clock
• Output enable tristates outputs
• Up to 100 MHz at 5V or 3.3V
• 20-pin DIP or SOIC
• All loop filter components internal
• Skew-controlled 2X and 1X CPU clocks
• Power-down option




Similar Part No. - AV9155

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155-01N14L ICST-AV9155-01N14L Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155-01N16L ICST-AV9155-01N16L Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155-01N18L ICST-AV9155-01N18L Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155-01N20L ICST-AV9155-01N20L Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
More results


Similar Description - AV9155

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
Low Cost 20-Pin Frequency Generator
Rev F 12/13/00
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
Low Cost 20-Pin Frequency Generator
RevD060197
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
Low-Cost 16-Pin Frequency Generator
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com