Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet (PDF) - Integrated Circuit Systems

AV9155C Datasheet PDF - Integrated Circuit Systems
Part # AV9155C
Download  AV9155C Download
File Size   358.22 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 20-Pin Frequency Generator

AV9155C Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9155C Datasheet PDF - Integrated Circuit Systems

Part # AV9155C
Download  AV9155C Click to download

File Size   358.22 Kbytes
Page   14 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost 20-Pin Frequency Generator

AV9155C Datasheet (HTML) - Integrated Circuit Systems


AV9155C Product details

General Description
The AV9155C is a low cost frequency generator designed specifically for desktop and notebook PC applications with either 3.3V or 5.0V power supply voltage. Its CPU clocks provide all necessary CPU frequencies for 286, 386 and 486 systems, including support for the latest speeds of processors. The device uses a 14.318 MHz crystal to generate the CPU and all peripheral clocks for integrated desktop motherboards.

Features
• Compatible with 286, 386, and 486 CPUs
• Supports turbo modes
• Generates communications clock, keyboard clock, floppy disk clock, system reference clock, bus clock and CPU clock
• Output enable tristates outputs
• Up to 100 MHz at 5V or 3.3V
• 20-pin DIP or SOIC
• All loop filter components internal
• Skew-controlled 2X and 1X CPU clocks
• Power-down option




Similar Part No. - AV9155C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
AV9155C-44CW20 ICST-AV9155C-44CW20 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
More results


Similar Description - AV9155C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
Low Cost 20-Pin Frequency Generator
RevD060197
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
Low-Cost 16-Pin Frequency Generator
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
Low Cost 20-Pin Frequency Generator
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com