Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155C Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # AV9155C
Description  Low Cost 20-Pin Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9155C Datasheet(HTML) 1 Page - Integrated Circuit Systems

  AV9155C Datasheet HTML 1Page - Integrated Circuit Systems AV9155C Datasheet HTML 2Page - Integrated Circuit Systems AV9155C Datasheet HTML 3Page - Integrated Circuit Systems AV9155C Datasheet HTML 4Page - Integrated Circuit Systems AV9155C Datasheet HTML 5Page - Integrated Circuit Systems AV9155C Datasheet HTML 6Page - Integrated Circuit Systems AV9155C Datasheet HTML 7Page - Integrated Circuit Systems AV9155C Datasheet HTML 8Page - Integrated Circuit Systems AV9155C Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
AV9155C
Block Diagram
AV9155C Rev F 12/13/00
Low Cost 20-Pin Frequency Generator
The AV9155C is a low cost frequency generator designed
specifically for desktop and notebook PC applications with
either 3.3V or 5.0V power supply voltage. Its CPU clocks
provide all necessary CPU frequencies for 286, 386 and 486
systems, including support for the latest speeds of processors.
The device uses a 14.318 MHz crystal to generate the CPU
and all peripheral clocks for integrated desktop motherboards.
The dual 14.318 MHz clock outputs allows one output for the
system and one to be the input to an ICS graphics frequency
generator such as the AV9194.
The CPU clock offers the unique feature of smooth, glitch-
free transitions from one frequency to the next, making this
ideal device to use whenever slowing the CPU speed. The
AV9155C makes a gradual transition between frequencies, so
that it obeys the Intel cycle-to-cycle timing specification for
486 systems. The simultaneous 2X and 1X CPU clocks offer
controlled skew to within 1.5ns (max) of each other.
ICS offers several versions of the AV9155C. The different
devices are shown below:
•
Compatible with 286, 386, and 486 CPUs
•
Supports turbo modes
•
Generates communications clock, keyboard clock,
floppy disk clock, system reference clock, bus clock
and CPU clock
•
Output enable tristates outputs
•
Up to 100 MHz at 5V or 3.3V
•
20-pin DIP or SOIC
•
All loop filter components internal
•
Skew-controlled 2X and 1X CPU clocks
•
Power-down option
ICS has been shipping motherboard frequency generators
since April 1990, and is the leader in the area of multiple
output clocks on a single chip. The AV9155C is a third
generation device, and uses ICS’s patented analog CMOS
phase-locked loop technology for low phase jitter. ICS offers
a broad family of frequency generators for motherboards,
graphics and other applications, including cost-effective
versions with only one or two output clocks. Consult ICS for
all of your clock generation needs.
Pentium is a trademark of Intel Corporation.
T
R
A
PN
O
I
T
P
I
R
C
S
E
D
1
0
-
C
5
5
1
9
V
AK
L
C
S
U
B
z
H
M
6
1
h
t
i
w
r
o
t
a
r
e
n
e
g
k
c
o
l
c
d
r
a
o
b
r
e
h
t
o
M
2
0
-
C
5
5
1
9
V
AK
L
C
S
U
B
z
H
M
2
3
h
t
i
w
r
o
t
a
r
e
n
e
g
k
c
o
l
c
d
r
a
o
b
r
e
h
t
o
M
3
2
-
C
5
5
1
9
V
Am
u
i
t
n
e
P
s
e
d
u
l
c
n
I
Ô
s
e
i
c
n
e
u
q
e
r
f
6
3
-
C
5
5
1
9
V
Ak
c
o
l
c
I
S
C
S
z
H
M
0
4
l
a
i
c
e
p
s
a
s
e
r
u
t
a
e
F


Similar Part No. - AV9155C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
logo
Integrated Circuit Syst...
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
AV9155C-44CW20 ICST-AV9155C-44CW20 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
More results

Similar Description - AV9155C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A ICST-AV9154A Datasheet
901Kb / 10P
Low-Cost 16-Pin Frequency Generator
Rev B 04/17/97
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
Low Cost 20-Pin Frequency Generator
RevD060197
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
Low-Cost 16-Pin Frequency Generator
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
Low Cost 20-Pin Frequency Generator
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com