Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9154A Datasheet (PDF) - Integrated Circuit Systems

AV9154A Datasheet PDF - Integrated Circuit Systems
Part # AV9154A
Download  AV9154A Download
File Size   901.49 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low-Cost 16-Pin Frequency Generator

AV9154A Datasheet (PDF)

Go To PDF Page Download Datasheet
AV9154A Datasheet PDF - Integrated Circuit Systems

Part # AV9154A
Download  AV9154A Click to download

File Size   901.49 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low-Cost 16-Pin Frequency Generator

AV9154A Datasheet (HTML) - Integrated Circuit Systems


AV9154A Product details

General Description
Pentium is a trademark of Intel Corporation Low-Cost 16-Pin Frequency Generator AV9154A . The AV9154A is a 0.8mm version of the industry leading AV9154. Like the AV9154, the AV9154A is a low-cost frequency generator designed for general purpose PC and disk drive applications. However, because the AV9154A uses 0.8mm technology and the latest phaselocked loop architecture, it offers performance advantages that enable the device to be sold into Pentium™ systems.

Features
• Compatible with 386, 486 and Pentium CPUs
• 45/55 Duty cycle
• Runs up to 66 MHz at 3.3V
• Single pin can slow clock to 8 MHz (on -42 and -43)
• Single pin can stop the CPU clock glitch-free (on -43)
• Very low jitter, ±250ps for Pentium frequencies
• 1X and 2X CPU clocks skew controlled to ±250ps (-42
   only)
• Smooth transitions between all CPU frequencies
• Slow frequency ramp at power-on avoids CPU lock-up
• 16-pin PDIP or 150-mil skinny SOIC packages
• 0.8µm CMOS technology

Applications
   Computer motherboards: The AV9154A-ST replaces crystals
   and oscillators, saving board space, component cost, part
   count and inventory costs. It produces a switchable CPU clock
   and up to four fixed clocks to drive floppy disk, communications,
   super I/O, Bus, and/or keyboard devices. The small package
   and 3.3V operation is perfect for handheld computers.




Similar Part No. - AV9154A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A-39CS16 ICST-AV9154A-39CS16 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9154A-60 ICST-AV9154A-60 Datasheet
148Kb / 7P
OPTi Notebook Frequency Generator
Rev B 05/30/97
AV9154A-60CS16 ICST-AV9154A-60CS16 Datasheet
148Kb / 7P
OPTi Notebook Frequency Generator
Rev B 05/30/97
More results


Similar Description - AV9154A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9154A-39 ICST-AV9154A-39 Datasheet
265Kb / 5P
Low Cost 16-Pin Frequency Generator
Rev B 09/18/97
AV9155 ICST-AV9155 Datasheet
387Kb / 11P
Low Cost 20-Pin Frequency Generator
Rev B 8/24/98
AV9155C-44 ICST-AV9155C-44 Datasheet
350Kb / 4P
Low Cost 20-Pin Frequency Generator
Rev D 02/12/98
AV9155C ICST-AV9155C Datasheet
358Kb / 14P
Low Cost 20-Pin Frequency Generator
Rev F 12/13/00
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
ICS9169C-36 ICST-ICS9169C-36 Datasheet
132Kb / 5P
Low Cost 20-Pin Frequency Generator
RevD060197
9154A ICST-9154A Datasheet
195Kb / 11P
Low-Cost 16-Pin Frequency Generator
logo
Integrated Device Techn...
9154A IDT-9154A Datasheet
161Kb / 11P
Low-Cost 16-Pin Frequency Generator
AV9155 IDT-AV9155 Datasheet
393Kb / 11P
Low Cost 20-Pin Frequency Generator
AV9155C IDT-AV9155C Datasheet
363Kb / 14P
Low Cost 20-Pin Frequency Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com