Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # AV9155
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155 Datasheet(HTML) 4 Page - Integrated Device Technology

  AV9155 Datasheet HTML 1Page - Integrated Device Technology AV9155 Datasheet HTML 2Page - Integrated Device Technology AV9155 Datasheet HTML 3Page - Integrated Device Technology AV9155 Datasheet HTML 4Page - Integrated Device Technology AV9155 Datasheet HTML 5Page - Integrated Device Technology AV9155 Datasheet HTML 6Page - Integrated Device Technology AV9155 Datasheet HTML 7Page - Integrated Device Technology AV9155 Datasheet HTML 8Page - Integrated Device Technology AV9155 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
AV9155
Pin Configuration
Pin Descriptions for AV9155-23, -36
20-Pin DIP or SOIC
20-Pin DIP or SOIC
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
1.843/40 MHz
Output
1.84 MHz (-23)/40 MHz SCSI (-36) clock output.
2
X2
Output
Crystal connection.
3
X1
Input
Crystal connection.
4
VDD
-
Digital power supply (+5V)
5
GND
-
Digital ground.
6
16 MHz/15 MHz
Output
16 MHz (-23)/15 MHz (-36) clock output.
7
24 MHz
Output
24 MHz floppy disk/combination I/O clock output.
8
12 MHz
Output
12 MHz keyboard clock output.
9
AGND
-
Analog ground (original version).
10
OE
Input
Output enable. Tristates all outputs when low. (Has internal pull-up.)
11
FS2
Input
CPU clock frequency select #2. (-23 has internal pull-up.)
12
PD#
Input
Power-down. Shuts off entire chip when low. (Has internal pull-up.)
13
14.318 MHz
Output
14.318 MHz reference clock output.
14
14.318 MHz
Output
14.318 MHz reference clock output.
15
GND
-
Digital ground.
16
VDD
-
Digital power supply (3.3V or 5.0V).
17
2XCPU
Output
2X CPU clock output.
18
CPU
Output
1X CPU clock output.
19
FS1
Input
CPU clock frequency select #1. (-23 has internal pull-up.)
20
FS0
Input
CPU clock frequency select #0. (-23 has internal pull-up.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com