Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # AV9155
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button AV9155 Datasheet HTML 3Page - Integrated Device Technology AV9155 Datasheet HTML 4Page - Integrated Device Technology AV9155 Datasheet HTML 5Page - Integrated Device Technology AV9155 Datasheet HTML 6Page - Integrated Device Technology AV9155 Datasheet HTML 7Page - Integrated Device Technology AV9155 Datasheet HTML 8Page - Integrated Device Technology AV9155 Datasheet HTML 9Page - Integrated Device Technology AV9155 Datasheet HTML 10Page - Integrated Device Technology AV9155 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
AV9155
Ordering Information
AV9155-01W20, AV9155-02M20,
AV9155-23M20, AV9155-36M20
LEAD COUNT
14L
16L
18L
20L
24L
28L
32L
DIMENSION L
0.354
0.404
0.454
0.504
0.604
0.704
0.804
ICS XXXX-PPP M X#W
Lead Count & Package Width
Lead Count=1, 2 or 3 digits
W=.3” SOIC or .6” DIP; None=Standard Width
Package Type
W=SOIC
T&R=Tape and Reel
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device
Example:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com