Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV9155 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # AV9155
Description  Low Cost 20-Pin Frequency Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

AV9155 Datasheet(HTML) 3 Page - Integrated Device Technology

  AV9155 Datasheet HTML 1Page - Integrated Device Technology AV9155 Datasheet HTML 2Page - Integrated Device Technology AV9155 Datasheet HTML 3Page - Integrated Device Technology AV9155 Datasheet HTML 4Page - Integrated Device Technology AV9155 Datasheet HTML 5Page - Integrated Device Technology AV9155 Datasheet HTML 6Page - Integrated Device Technology AV9155 Datasheet HTML 7Page - Integrated Device Technology AV9155 Datasheet HTML 8Page - Integrated Device Technology AV9155 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
AV9155
Functionality - AV9155-01
(Using 14.318 MHz input.All frequencies in MHz.)
CLOCK#2CPUand2XCPU
*5V only.
PERIPHERAL CLOCKS
REFERENCE CLOCKS
Functionality - AV9155-02
(Using 14.318 MHz input.All frequencies in MHz.)
CLOCK#2CPUand2XCPU
PERIPHERAL CLOCKS
REFERENCE CLOCKS
Frequency Transitions
A key feature of the AV9155 is its ability to provide smooth,
glitch-free frequency transitions on the CPU and 2XCPU clocks
when the frequency select pins are changed. These frequency
transitions do not violate the Intel 486 specification of less
than 0.1% frequency change per clock period.
Using an Input Clock as Reference
The AV9155 is designed to accept a 14.318 MHz crystal as the
input reference. With some external changes, it is possible to
use a crystal oscillator or clock input. Please see application
note AN04 for details on driving the AV9155 with a clock.
COMMCLK
(Pin 1)
BUSCLK
(Pin 6)
FDCLK
(Pin 7)
KBCLK
(Pin 8)
1.843*
16*
24*
12*
COMMCLK
(Pin 1)
BUSCLK
(Pin 6)
FDCLK
(Pin 7)
KBCLK
(Pin 8)
1.843*
32*
24*
12*
REFCLK1
(Pin 13)
REFCLK2
(Pin 14)
14.318
14.318
REFCLK1
(Pin 13)
REFCLK2
(Pin 14)
14.318
14.318
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
16
32
40
50
66.66
80*
100*
4
8
16
20
25
33.33
40*
50*
FS2
(Pin 11)
FS1
(Pin 19)
FS0
(Pin 20)
2XCPU
(Pin 17)
CPU
(Pin 18)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
16
32
40
50
66.66
80*
100*
4
8
16
20
25
33.33
40*
50*
*5V only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com