Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-13 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9250-13
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-13 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9250-13 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 13Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 14Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ICS9250-13
Electrical Characteristics - PCICLK
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -28 mA
2.4
3
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.17
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-40
mA
Output Low Current
IOL1
VOL = 0.8 V
41
45
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.4
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
280
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1a
VT = 1.5 V, Normal or Spread mode
230
400
ps
Jitter, One Sigma
1
tj1σ1a
VT = 1.5 V
75
150
ps
Jitter, Absolute
1
tjabs1a
VT = 1.5 V
-250
160
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - IOAPIC
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH4B
IOH = -8.0 mA
2
2.3
V
Output Low Voltage
VOL4B
IOL = 12 mA
0.3
0.4
V
Output High Current
IOH4B
VOH =1.7 V
-26
-15
mA
Output Low Current
IOL4B
VOL = 0.7 V
19
27
mA
Rise Time
tr4B
1
VOL = 0.4 V, VOH = 2.0 V
1.3
2.2
ns
Fall Time
tf4B
1
VOH = 2.0 V, VOL = 0.4 V
1.35
2
ns
Duty Cycle
dt4B
1
VT = 1.25 V
45
52
55
%
Jitter, One Sigma
tj1σ4B
1
VT = 1.25 V
235
350
ps
Jitter, Absolute
tjabs4B
1
VT = 1.25 V
-800
510
800
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com