Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-13 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-13
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-13 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9250-13
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
9250-13 Rev A 3/25/99
Pin Configuration
•
3.3Voutputs: SDRAM, PCI, REF, 48/24MHz
•
2.5V or 3.3V outputs: CPU
•
20 ohm CPU clock output impedance
•
20 ohm PCI clock output impedance
•
Skew from CPU (earlier) to PCI clock - 1 to 4 ns,
center 2.6 ns.
•
No external load cap for CL=18pF crystals
•
±250 ps CPU, PCI clock skew
•
400ps (cycle to cycle) CPU jitter
•
Smooth frequency switch, with selections from
50 to 83.3 MHz CPU.
•I2C interface for programming
•
2ms power up clock stable time
•
Clock duty cycle 45-55%.
•
56 pin 300 mil SSOP package
•
3.3V operation, 5V tolerant input.
56-Pin SSOP
Power Groups
VDDREF=REF(0:1),X1,X2
VDDPCI=PCICLK_F,PCICLK(0:5)
VDDSDR = SDRAM (0:11), supply for PLL core,
VDD48=24MHz,48MHz
VDDLIOAPIC=IOAPIC
VDDL2CPU= CPUCLK(0:3)
* Internal Pull-up Resistor of
120K to VDD on indicated inputs
The ICS9250-13 generates all clocks required for high speed
RISC or CISC microprocessor systems such as Intel PentiumPro
or Cyrix. Eight different reference frequency multiplying factors
are externally selectable with smooth frequency transitions.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9250-13
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Recomended Application:
•
440LX/EX type chipset Motherboard single chip
clock solution.
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
logo
Integrated Circuit Syst...
ICS9250-11 ICST-ICS9250-11 Datasheet
194Kb / 8P
Frequency Timing Generator for PENTIUM II/III Systems
Rev C 3/20/00
ICS9250-12 ICST-ICS9250-12 Datasheet
395Kb / 12P
Frequency Timing Generator for PENTIUM II/III Systems
Rev B 2/23/00
logo
Renesas Technology Corp
ICS9250-12 RENESAS-ICS9250-12 Datasheet
813Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
2019
More results

Similar Description - ICS9250-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-127 ICST-ICS9248-127 Datasheet
280Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 8/18/00
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com