Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-13 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9250-13
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-13 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9250-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-13 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
ICS9250-13
Functionality
VDD1,2,3 = 3.3V±5%, VDDL1,2 = 2.5V±5% or 3.3±5%, TA=0 to 70°C
Crystal (X1, X2) = 14.31818MHz
5
.
2
_
#
3
.
3
U
P
C
l
e
v
e
l
t
u
p
n
I
)
a
t
a
D
d
e
h
c
t
a
L
(
r
o
f
d
e
t
c
e
l
e
S
r
e
f
f
u
B
:
t
a
n
o
i
t
a
r
e
p
o
1D
D
V
V
5
.
2
0D
D
V
V
3
.
3
CPU 3.3#_2.5V Buffer selector for CPUCLK and IOAPIC drivers.
Power Management Functionality
Mode Pin - Power Management Input Control
5
2
n
i
P
,
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
6
4
n
i
P5
1
n
i
P
0
#
P
O
T
S
_
U
P
C
)
T
U
P
N
I
(
#
P
O
T
S
_
I
C
P
)
T
U
P
N
I
(
1
1
F
E
R
)
T
U
P
T
U
O
(
5
K
L
C
I
C
P
)
T
U
P
T
U
O
(
#
P
O
T
S
_
U
P
C#
P
O
T
S
_
I
C
P
K
L
C
U
P
C
s
t
u
p
t
u
O
K
L
C
I
C
P
)
5
:
0
(
,
F
_
K
L
C
I
C
P
,
F
E
R
z
H
M
8
4
/
4
2
M
A
R
D
S
d
n
a
l
a
t
s
y
r
C
C
S
O
O
C
V
01
w
o
L
d
e
p
p
o
t
Sg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
11
g
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
10
g
n
i
n
n
u
Rw
o
L
d
e
p
p
o
t
Sg
n
i
n
n
u
Rg
n
i
n
n
u
Rg
n
i
n
n
u
R
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
M
A
R
D
S
)
z
H
M
(
K
L
C
I
C
P
)
z
H
M
(
C
I
P
A
O
I
,
F
E
R
)
z
H
M
(
0000
0
0
.
0
90
0
.
0
90
0
.
5
48
1
3
.
4
1
000
1
1
0
.
9
81
0
.
9
81
5
.
4
48
1
3
.
4
1
00
1
0
0
0
.
8
80
0
.
8
80
0
.
4
48
1
3
.
4
1
00
11
9
9
.
6
89
9
.
6
80
5
.
3
48
1
3
.
4
1
01
0
0
1
9
.
5
81
9
.
5
85
9
.
2
48
1
3
.
4
1
01
01
1
0
.
5
81
0
.
5
81
5
.
2
48
1
3
.
4
1
01
1
0
0
0
.
4
80
0
.
4
80
0
.
2
48
1
3
.
4
1
0
111
0
0
.
2
80
0
.
2
80
0
.
1
48
1
3
.
4
1
1
000
1
0
.
1
81
0
.
1
80
0
.
0
48
1
3
.
4
1
10
0
1
0
0
.
0
80
0
.
0
85
6
.
1
48
1
3
.
4
1
10
10
1
3
.
3
81
3
.
3
84
2
.
4
38
1
3
.
4
1
10
1
1
9
4
.
8
69
4
.
8
64
2
.
4
38
1
3
.
4
1
11
00
0
0
.
8
70
0
.
8
70
0
.
9
38
1
3
.
4
1
11
0
1
0
0
.
5
70
0
.
5
70
5
.
7
38
1
3
.
4
1
111
0
9
9
.
1
79
9
.
1
79
9
.
5
38
1
3
.
4
1
1111
2
8
.
6
62
8
.
6
61
4
.
3
38
1
3
.
4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com