Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9341 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9341
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9341 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9341 Datasheet HTML 1Page - Integrated Circuit Systems ICS9341 Datasheet HTML 2Page - Integrated Circuit Systems ICS9341 Datasheet HTML 3Page - Integrated Circuit Systems ICS9341 Datasheet HTML 4Page - Integrated Circuit Systems ICS9341 Datasheet HTML 5Page - Integrated Circuit Systems ICS9341 Datasheet HTML 6Page - Integrated Circuit Systems ICS9341 Datasheet HTML 7Page - Integrated Circuit Systems ICS9341 Datasheet HTML 8Page - Integrated Circuit Systems ICS9341 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
ICS9341
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = VDDL = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.8
V
Input High Current
IIH
VIN = VDD
0.1
5
µA
Input Low Current
IIL1
VIN = 0 V; Inputs with no pull-up resistors
-5
2.0
µA
Input Low Current
IIL2
VIN = 0 V; Inputs with pull-up resistors
-200
-100
µA
IDD3.3OP66
Select @ 66MHz; Max discrete cap loads
215
250
mA
IDD3.3OP83
Select @ 83MHz; Max discrete cap loads
200
225
mA
IDD3.3OP100
Select @ 100MHz; Max discrete cap loads
180
200
mA
IDD3.3OP133
Select @ 133MHz; Max discrete cap loads
160
175
mA
Power Down Supply
Current
IDD3.3PD
PD# = 0
160
300
µA
Input frequency
Fi
VDD = 3.3 V
12
14.318
16
MHz
CIN
Logic Inputs
5
pF
CINX
X1 & X2 pins
13.5
18
22.5
pF
Transition Time
1
TTrans
To 1st crossing of target Freq.
3
ms
Settling Time
1
TS
From 1st crossing to 1% target Freq.
1
ms
Clk Stabilization
1
TSTAB
From VDD = 3.3 V to 1% target Freq.
3ms
Skew
1
tCPUA-CPUB
VT = 1.5 V
100
350
ps
Skew
1
tCPU-PCI
VT = 1.5 V
500
800
ps
Operating Supply
Current
Input Capacitance
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com