Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9341 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9341
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9341 Datasheet(HTML) 8 Page - Integrated Circuit Systems

  ICS9341 Datasheet HTML 1Page - Integrated Circuit Systems ICS9341 Datasheet HTML 2Page - Integrated Circuit Systems ICS9341 Datasheet HTML 3Page - Integrated Circuit Systems ICS9341 Datasheet HTML 4Page - Integrated Circuit Systems ICS9341 Datasheet HTML 5Page - Integrated Circuit Systems ICS9341 Datasheet HTML 6Page - Integrated Circuit Systems ICS9341 Datasheet HTML 7Page - Integrated Circuit Systems ICS9341 Datasheet HTML 8Page - Integrated Circuit Systems ICS9341 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
ICS9341
Electrical Characteristics - PCI
TA = 0 - 70º C; VDD = VDDL = 3.3 V +/-5%; CL =30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH1
IOH = -11 mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.17
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-60
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
25
47
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.8
2.5
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.7
2.5
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
50
55
%
Skew
1
tsk1
VT = 1.5 V
150
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
120
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF, OUT, OUT/2
TA = 0 - 70º C; VDD = VDDL = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.4
2.9
V
Output Low Voltage
VOL5
IOL = 10 mA
0.33
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-30
-20
mA
Output Low Current
IOL5
VOL = 0.8 V
16
23
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V; OUT
1.5
1.8
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V; OUT
1.5
2
4
ns
Duty Cycle
1
dt5
VT = 1.5 V; OUT
45
52
55
%
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V; OUT/2
1.5
2.2
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V; OUT/2
1.5
2.1
4
ns
Duty Cycle
1
dt5
VT = 1.5 V; OUT/2
45
50
55
%
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V; REF
1.5
2.7
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V; REF
1.5
2.8
4
ns
Duty Cycle
1
dt5
VT = 1.5 V; REF
45
50
55
%
Jitter, Cycle-to-cycle1
tjcyc-cyc5
VT = 1.5 V; OUT, OUT/2
280
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V; REF
450
1000
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com