Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9341 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9341
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9341 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9341 Datasheet HTML 1Page - Integrated Circuit Systems ICS9341 Datasheet HTML 2Page - Integrated Circuit Systems ICS9341 Datasheet HTML 3Page - Integrated Circuit Systems ICS9341 Datasheet HTML 4Page - Integrated Circuit Systems ICS9341 Datasheet HTML 5Page - Integrated Circuit Systems ICS9341 Datasheet HTML 6Page - Integrated Circuit Systems ICS9341 Datasheet HTML 7Page - Integrated Circuit Systems ICS9341 Datasheet HTML 8Page - Integrated Circuit Systems ICS9341 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9341
Block Diagram
133MHz Clock Generator and Integrated Buffer for PowerPC™
9341 Rev A 10/12/99
Pin Configuration
48-pin SSOP
* Internal pull-up resistor of 120K to 3.3V on
indicated inputs
** Internal pull-down resistor of 120K to GND
on indicated inputs.
Generates the following system clocks:
- 4-CPUA(3.3V, up to 133MHz)
- 4-CPUB (3.3V, up to 133MHz)
- 8-PCI(3.3V,33.3MHz)
- 1-OUT(3.3v,64MHz)
- 1-OUT/2(3.3V,OUT/2MHz)
- 2-REF(3.3V,14.318MHz)
• Up to 133MHz frequency support.
• Stop clocks for power management
• Spread Spectrum for EMI control
±.25% center spread
Skew characteristics:
- CPU - CPU: <350ps
- CPU - PCI: <500ps
- PCI - PCI: <500ps
The ICS9341 generates all clocks required for high speed
PowerPC RISC microprocessor systems. Generating clocks in
phase with an external reference frequency.
Spread Spectrum may be enabled by driving the SS_EN pin
active. Spread spectrum typically reduces system EMI by 8dB
to 10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9341
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Power Groups:
VDDREF,GNDREF=REF,X1,X2
GNDPCI,VDDPCI=PCICLK
VDD66,GND66=3V66
VDD48,GND48=48MHz
VDDCOR,GNDCOR=PLLCore
VDDLCPU/2,GNDLCPU/2=CPU/2
VDDLIOAPIC,GNDIOAPIC=IOAPIC
PD#
CPUB_STOP#
OUT_SEL (0:1)
PCI_STOP#
SS_EN
X1
X2
OSC
PLL
Spread
Spectrum
REF (0:1)
2
4
4
OUT
OUT/2
CPUCLKB (1:4)
CPUCLKA (1:4)
STOP
C
o
n
t
r
o
l
/ 2
PLL2
8
PCICLK (1:8)
STOP
/ 8
/ 6
/ 5
/ 4
/ 2
/ 4
/ 5
/ 6
/ 3
GNDREF
X1
X2
VDDPCI
PCICLK1
PCICLK2
PCICLK3
PCICLK4
GNDPCI
GNDCPUB
CPUB1
CPUB2
CPUB3
CPUB4
VDDCPUB
VDDPCI
PCICLK5
PCICLK6
PCICLK7
PCICLK8
FS0
FS1
*OUT_SEL0
GNDPCI
REF1
REF0
VDDREF
CPUA1
CPUA2
SS_EN
GNDCPUA
OUT_SEL1*
PD#
VDDCPUA
CPUA3
CPUA4
CPUB_STOP#**
VDDD
VDDOUT
OUT
OUT/2
GNDOUT
GNDA
GNDD
N/C
N/C
*PCI_STOP#
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
ICS9342YF-T ICST-ICS9342YF-T Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
More results

Similar Description - ICS9341

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
RevC 06/19/97
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
245 MHz Clock Generator and Integrated Buffer for PowerPC
Rev C 02/12/98
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com