Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9342 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9342
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9342 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9342 Datasheet HTML 1Page - Integrated Circuit Systems ICS9342 Datasheet HTML 2Page - Integrated Circuit Systems ICS9342 Datasheet HTML 3Page - Integrated Circuit Systems ICS9342 Datasheet HTML 4Page - Integrated Circuit Systems ICS9342 Datasheet HTML 5Page - Integrated Circuit Systems ICS9342 Datasheet HTML 6Page - Integrated Circuit Systems ICS9342 Datasheet HTML 7Page - Integrated Circuit Systems ICS9342 Datasheet HTML 8Page - Integrated Circuit Systems ICS9342 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS9342
Third party brands and names are the property of their respective owners.
Pin Configuration
General Description
The ICS9342 generates all clocks required for high speed PowerPC RISC microprocessor systems. With a zero delay buffer
chip such as the ICS9112-17 multiple PCI clock outputs can be generated in phase with PCIREF.
Spread Spectrum may be enabled by driving the SS_EN# pin low. Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9342
employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature
variations.
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDDREF
PWR
Ref(1:0), XTAL power supply, nominal 3.3V
2,3
REF[1:0]
OU T
14.318 M Hz reference clocks
4
GNDREF
PWR
Ground pin for the REF outputs
5
X1
IN
Crystal input,nominally 14.318M Hz.
6
X2
OU T
Crystal output, nominally 14.318M Hz.
7
PD#
IN
Pow ers down chip, active low .
8
CPU_STOP#
IN
Stops all CPUCLKs [11:0] at logic 0 level, w hen input low
9
VDD
PWR
3.3V power for the digital core.
10
GND
PWR
Ground pin for the digital core.
11
PCI_STO P#
IN
Drives PCIREF to logic 0 level, when input low
12
SS_EN#
IN
Spread spectrum is turned on by driving this input low and turned off by
driving it high.
13
VDDPCI
PWR
Pow er supply for PCIREF, nominal 3.3V.
14
PCIREF
OU T
Reference clock for PCI Zero Delay Buffer.
15
GNDPCI
PWR
Ground pin for PCIREF.
18, 17, 16
FS (2:0)
IN
Frequency select pins.
19
VDDFP
PWR
3.3V power for the Fixed PLL core.
20
GNDFP
PER
Ground pin for the Fixed PLL core.
OUT
OUT
3.3V OUT reference clock.
TEST#
IN
Logic input to select over clocking or under clocking frequencies.
(latched input)
OUT_D IV2
OU T
3.3V 1/2 frequency OUT reference clock.
BOOST#
IN
Logic input to select normal or test mode frequencies. (latched input)
23
PDFP#
IN
Pow ers down Fixed PLL. When driven to low, OUT and OUT_DIV2 clocks
will be stopped
24
VDDA
PWR
3.3V power for the PLL core
48, 25
OUTSEL(1:0)
IN
Frequency select pins for OUT and OUT_DIV2 clocks.
26, 31, 36, 41, 46
GNDCPU
PWR
Ground pin for CPU clocks.
27, 32, 37, 42, 47
VDDCPU
PWR
3.3V power supply for CPU clocks.
21
22



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com