Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9342 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9342
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9342 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9342 Datasheet HTML 2Page - Integrated Circuit Systems ICS9342 Datasheet HTML 3Page - Integrated Circuit Systems ICS9342 Datasheet HTML 4Page - Integrated Circuit Systems ICS9342 Datasheet HTML 5Page - Integrated Circuit Systems ICS9342 Datasheet HTML 6Page - Integrated Circuit Systems ICS9342 Datasheet HTML 7Page - Integrated Circuit Systems ICS9342 Datasheet HTML 8Page - Integrated Circuit Systems ICS9342 Datasheet HTML 9Page - Integrated Circuit Systems ICS9342 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
ICS9342
Third party brands and names are the property of their respective owners.
Electrical Characteristics - REF, OUT , OUT /2
TA = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
RDSP 5
1
VO = VDD*(0.5)
20
34
60
RDSN5
1
VO = VDD*(0.5)
20
31
60
VOH5
IOH = -12 mA
2.4
2.9
V
VOL5
IOL = 10 mA
0.33
0.4
V
IOH5
VOH = 2.0 V
-30
-20
mA
IOL5
VOL = 0.8 V
16
23
mA
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V; OUT
1.5
1.8
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V; OUT
1.5
2
4
ns
Duty Cycle
1
dt5
VT = 1.5 V; OUT
45
52
55
%
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V; OUT/2
1.5
2.2
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V; OUT/2
1.5
2.1
4
ns
Duty Cycle
1
dt5
VT = 1.5 V; OUT/2
45
50
55
%
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V; REF
1.5
2.7
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V; REF
1.5
2.8
4
ns
Duty Cycle
1
dt5
VT = 1.5 V; REF
45
50
55
%
tjcyc-cyc5
VT = 1.5 V; OUT, OUT/2
280
500
ps
tjcyc-cyc5
VT = 1.5 V; REF
450
1000
ps
1
Guaranteed b y des ign, no t 100% tes ted in production.
Jitter, Cycle-to-cycle1
Jitter, Cycle-to-cycle
1
PA RA M ETER
Output Lo w Voltage
Output High Current
Output High Voltage
Output Impedance
REF
OUT
OUT/2
Output Low Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com