Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9342 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9342
Description  133MHz Clock Generator and Integrated Buffer for PowerPC?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9342 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9342 Datasheet HTML 1Page - Integrated Circuit Systems ICS9342 Datasheet HTML 2Page - Integrated Circuit Systems ICS9342 Datasheet HTML 3Page - Integrated Circuit Systems ICS9342 Datasheet HTML 4Page - Integrated Circuit Systems ICS9342 Datasheet HTML 5Page - Integrated Circuit Systems ICS9342 Datasheet HTML 6Page - Integrated Circuit Systems ICS9342 Datasheet HTML 7Page - Integrated Circuit Systems ICS9342 Datasheet HTML 8Page - Integrated Circuit Systems ICS9342 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
ICS9342
Third party brands and names are the property of their respective owners.
9342 Rev E 9/06/00
Pin Configuration
48-Pin 300mil SSOP
Recommended Application:
Power PC System Clock
Output Features:
•
12- CPUs @ 3.3V, up to 146MHz
•
1- PCIREF @ 3.3V, up to 73MHz
•
1 - OUT 3.3V, 64MHz
•
1 - OUT/2 3.3V, OUT/2MHz
•
2 - REF @ 3.3V, 14.318MHz
Features:
•
Up to 146MHz frequency support
•
Support power management: CPU, PCI stop and power
down mode.
•
Spread spectrum for EMI control (0 to -0.5%, ± 0.25%).
•
Uses external 14.318MHz crystal
•
FS pins for frequency select
•
Support for industrial temperature range (-40C° to 85C°)
Key Specifications:
•
CPU Output Skew: <200ps
•
CPU - PCI Output Skew: <500ps
•
CPU Output Jitter: <150ps
•
PCI Output Jitter: <500ps
133MHz Clock Generator and Integrated Buffer for PowerPC™
VDDREF
REF1
REF0
GNDREF
X1
X2
*PD#
*CPU-STOP#
VDD
GND
*PCI_STOP#
*SS_EN#
VDDPCI
PCIREF
GNDPCI
*FS0
*FS1
*FS2
VDDFP
GNDFP
*TEST#/OUT
*BOOST#/OUT_DIV2
*PDFP#
VDDA
OUTSEL1*
VDDCPU
GNDCPU
CPU0
CPU1
CPU2
VDDCPU
GNDCPU
CPU3
CPU4
CPU5
VDDCPU
GNDCPU
CPU6
CPU7
CPU8
VDDCPU
GNDCPU
CPU9
CPU10
CPU11
VDDCPU
GNDCPU
OUTSEL0*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
* Internal pull-up resistor of 120K to VDD
on indicated inputs.
Functionality
Block Diagram
SS_EN#
OUTSEL (1:0)
PLL2
PLL1
Spread
Spectrum
OUT
OUT/DIV2
CPUCLK (11:0)
12
2
PCIREF
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
Stop
Stop
FS (2:0)
PD#
PDFP#
TEST#
BOOST#
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
T
S
E
T2
S
F1
S
F0
S
F
U
P
C
z
H
M
I
C
P
z
H
M
F
E
R
z
H
M
11
1
1
3
3
.
3
3
13
3
.
3
38
1
3
.
4
1
11
1
0
0
0
.
0
0
13
3
.
3
38
1
3
.
4
1
11
0
1
3
3
.
3
83
3
.
3
38
1
3
.
4
1
11
0
0
6
6
.
6
63
3
.
3
38
1
3
.
4
1
10
1
1
3
3
.
3
3
16
6
.
6
68
1
3
.
4
1
10
1
0
0
0
.
0
0
16
6
.
6
68
1
3
.
4
1
10
0
1
3
3
.
3
86
6
.
6
68
1
3
.
4
1
10
0
0
6
6
.
6
66
6
.
6
68
1
3
.
4
1
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9342

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9341YF ICST-ICS9341YF Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
More results

Similar Description - ICS9342

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
RevC 06/19/97
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
245 MHz Clock Generator and Integrated Buffer for PowerPC
Rev C 02/12/98
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
PhaseLink Corporation
PLL702-01 PLL-PLL702-01 Datasheet
271Kb / 8P
Clock Generator for PowerPC Based Applications
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com