Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2S Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # AD2S
Description  SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

AD2S Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  AD2S Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . AD2S Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ta=40 C(Note 1)
Dimensions in inches and (millimeters)
FEATURES
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage Drop per Bridge Element at 0.4A D.C.
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
AD1S
AD2S
AD3S
AD4S
AD5S
AD6S
AD7S UNITS
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
0.8
30
5.0
500
75
-55
+150
-55
+150
V
A
A
V
C
C
C/W
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
plastic technique
* High surge current capability
* Polarity: Symbol molded on body
* Mounting position: Any
AD1S THRU AD7S
1.0
.181(4.6)
.060(1.50)
.006(0.15)
.002(0.05)
.165(4.2)
.193(4.9)
.252(6.4)
.236(6.0)
.032(0.8)
.165(4.2)
.051(1.30)
.150(3.8)
.177(4.5)
.024(0.6)
+
~
~
ADS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
0.8 Ampere
Storage Temperature Range, TSTG
Operating Temperature Range, TJ
.020(0.3)
.004(0.1)
Typical Thermal Resistance R JA (Note 2)
NOTES: 1. Mounted on P.C. Board.
2. Thermal Resistance Junction to Ambient.
A
A
238


Similar Part No. - AD2S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S100 AD-AD2S100 Datasheet
1,014Kb / 12P
AC Vector Processor
REV. A 7/94
AD2S100AP AD-AD2S100AP Datasheet
1,014Kb / 12P
AC Vector Processor
REV. A 7/94
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
AC Vector Processor
REV. A
AD2S105 AD-AD2S105 Datasheet
292Kb / 12P
Three-Phase Current Conditioner
AD2S105AP AD-AD2S105AP Datasheet
292Kb / 12P
Three-Phase Current Conditioner
More results

Similar Description - AD2S

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
MD1S UNIOHM-MD1S Datasheet
66Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S Datasheet
144Kb / 2P
0.8 AMP Single Phase Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
MBS2 TSC-MBS2_11 Datasheet
150Kb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MB4F WILLAS-MB4F Datasheet
517Kb / 3P
0.8 AMP SURFACE MOUNT SI- BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
AB1S GWSEMI-AB1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
MD1S GWSEMI-MD1S Datasheet
68Kb / 2P
SINGLE PHASE 0.8 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MD1S SECOS-MD1S_15 Datasheet
241Kb / 2P
0.8 Amp Surface Mount Bridge Rectifiers
logo
Thinki Semiconductor Co...
MB05S THINKISEMI-MB05S Datasheet
387Kb / 2P
0.8 Amp Surface Mount Single Phase Bridge Rectifiers
logo
Jinan Jing Heng Electro...
MB10F JINGHENG-MB10F Datasheet
1Mb / 2P
Single Phase 0.8 AMP Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LX005M DGNJDZ-LX005M Datasheet
825Kb / 2P
Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com