Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3727A Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3727A
Description  LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3727A Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3727A Datasheet HTML 1Page - Integrated Circuit Systems MK3727A Datasheet HTML 2Page - Integrated Circuit Systems MK3727A Datasheet HTML 3Page - Integrated Circuit Systems MK3727A Datasheet HTML 4Page - Integrated Circuit Systems MK3727A Datasheet HTML 5Page - Integrated Circuit Systems MK3727A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
MDS 3727 E
2
Revision 052901
Int egrat ed C i rcuit Syste ms q 525 R a ce S t r eet, San Jose, CA 95126 q t e l (40 8 ) 295 -9800 q
w w w. icst . c om
MK3727
Pin Assignment
Pin Descriptions
X1
VDD
VIN
GND
GND
NC
CL K
X2
1
2
3
4
8
7
6
5
MK3 727S
MK3 727A
MK3 727C
MK3 727D
8 Pin (150 mil) SO IC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
XI
Input
Crystal connection -- Connect to the external pullable crystal.
2
VDD
Power
Connect to +3.3 V (0.01uf decoupling capacitor recommended)
3
VIN
Input
Voltage input to VCXO -- 0 to 3.3 V analog input which controls the
oscillation frequency of the VCXO.
4
GND
Power
Connect to ground
5
CLK
Output
Clock output
6
NC
--
No internal connection (may connect to ground or VDD)
7
GND
Power
Connect to ground
8
X2
Input
Crystal connection -- Connect to the external pullable crystal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com