Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3727A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3727A
Description  LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3727A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3727A Datasheet HTML 1Page - Integrated Circuit Systems MK3727A Datasheet HTML 2Page - Integrated Circuit Systems MK3727A Datasheet HTML 3Page - Integrated Circuit Systems MK3727A Datasheet HTML 4Page - Integrated Circuit Systems MK3727A Datasheet HTML 5Page - Integrated Circuit Systems MK3727A Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MK3727
MDS 3727 E
1
Revision 052901
In tegr ated C i r cu i t S y st ems q 5 25 Ra ce Str eet, San Jose, C A 95 126 q tel ( 408) 2 95-9 800 q
w w w.ic s t .c o m
LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
Description
The MK3727 series of devices include the original
MK3727S, MK3727A, and the new MK3727C and
MK3727D. The MK3727D and MK3727C are drop-in
replacements for the MK3727S and MK3727A devices.
Compared to these earlier devices the MK3727D and
MK3727C offer a wider operating frequency range and
improved power supply noise rejection. The MK3727D
is recommended for new designs.
The MK3727 series combines the functions of a VCXO
(Voltage Controlled Crystal Oscillator) and PLL (Phase
Locked Loop) frequency doubler onto a single chip.
Used in conjunction with an external pullable quartz
crystal, this monolithic integrated circuit replaces more
costly hybrid (canned) VCXO devices. The MK3727 is
designed primarily for data and clock recovery
applications within end products such as ADSL
modems, set-top box receivers, and telecom systems.
The MK3727D is recommended for new designs. The
MK3727D exhibits a moderate VCXO gain of
120ppm/V typical, when used with a high quality
external pullable quartz crystal. The MK3727C offers a
higher VCXO gain of 150ppm/V, similar to the earlier
MK3727A. The higher intrinsic VCXO gain of the
MK3727C may help compensate for the reduced
pullability of a low quality crystal used in some
applications. However, higher VCXO gain may also
increase clock output phase noise.
The frequency of the on-chip VCXO is adjusted by an
external control voltage input into pin VIN. Because
VIN is a high impedance input, it can be driven directly
from an PWM RC integrator circuit. Frequency output
increases with VIN voltage input. The usable range of
VIN is 0 to 3V.
Features
• MK3727D and MK3727C are drop-in upgrades to the
earlier MK3727S and MK3727A devices
• MK3727D and MK3727C offer 24-36 MHz output
frequency range (output frequency = 2x crystal
frequency) and improved power supply noise
rejection
• Uses an inexpensive 12 to 18 MHz external crystal
• Ideal for ADSL applications using 17.664 MHz
external pullable crystal to generate locked 35.328
MHz clock physical layer clock
• Ideal for set-top box applications using 13.5 MHz
external pullable crystal to generate lock 27 MHz
clock transport video clock
• On-chip VCXO with guaranteed pull range of ±115
ppm minimum (MK3727D)
• VCXO input tuning voltage 0 to 3.3 V
• Packaged in 8 pin SOIC (150 mil wide)
MK3727D is Recommended for New Designs.
Block Diagram
24-36 M H z
(2 x C rystal F requ enc y)
X1
X2
Vo ltag e
Contro lle d
C rysta l
O sc illato r
PL L
Frequency
Doub ler
VIN
12-1 8 M H z
P ullable
Cry sta l


Similar Part No. - MK3727A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727D-DPK RENESAS-MK3727D-DPK Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727DLF RENESAS-MK3727DLF Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727DLFTR RENESAS-MK3727DLFTR Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727DTR RENESAS-MK3727DTR Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
More results

Similar Description - MK3727A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com