Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3727A Datasheet (PDF) - Integrated Circuit Systems

MK3727A Datasheet PDF - Integrated Circuit Systems
Part # MK3727A
Download  MK3727A Download
File Size   79.52 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW COST 24 - 36 MHZ 3.3 VOLT VCXO

MK3727A Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3727A Datasheet PDF - Integrated Circuit Systems

Part # MK3727A
Download  MK3727A Click to download

File Size   79.52 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW COST 24 - 36 MHZ 3.3 VOLT VCXO

MK3727A Datasheet (HTML) - Integrated Circuit Systems


MK3727A Product details

Description
The MK3727 series of devices include the original MK3727S, MK3727A, and the new MK3727C and MK3727D. The MK3727D and MK3727C are drop-in replacements for the MK3727S and MK3727A devices. Compared to these earlier devices the MK3727D and MK3727C offer a wider operating frequency range and improved power supply noise rejection. The MK3727D is recommended for new designs.

Features
• MK3727D and MK3727C are drop-in upgrades to the earlier MK3727S and MK3727A devices
• MK3727D and MK3727C offer 24-36 MHz output frequency range (output frequency = 2x crystal frequency) and improved power supply noise rejection
• Uses an inexpensive 12 to 18 MHz external crystal
• Ideal for ADSL applications using 17.664 MHz external pullable crystal to generate locked 35.328 MHz clock physical layer clock
• Ideal for set-top box applications using 13.5 MHz external pullable crystal to generate lock 27 MHz clock transport video clock
• On-chip VCXO with guaranteed pull range of ±115 ppm minimum (MK3727D)
• VCXO input tuning voltage 0 to 3.3 V
• Packaged in 8 pin SOIC (150 mil wide)




Similar Part No. - MK3727A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727D-DPK RENESAS-MK3727D-DPK Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727DLF RENESAS-MK3727DLF Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727DLFTR RENESAS-MK3727DLFTR Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3727DTR RENESAS-MK3727DTR Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
More results


Similar Description - MK3727A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com