Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71342LA55PF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT71342LA55PF
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA55PF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT71342LA55PF Datasheet HTML 1Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 2Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 3Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 4Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 5Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 6Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 7Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 8Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6.05
3
IDT71342SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
COMMERCIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1) (VCC = 5.0V
± 10%)
71342X20
71342X25
71342X35
71342X45
71342X55 71342X70
Symbol
Parameter
Test Conditions
Version
Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Unit
ICC
Dynamic Operating
CE = VIL
COM’L. S
280
280
260
240
240
240
mA
Current
Outputs Open
L
240
240
220
200
200
200
(Both Ports Active)
SEM = Don't Care
f = fMAX(3)
ICC1
Dynamic Operating
CE = VIH
COM’L. S
280
200
185
170
170
170
mA
Current
Outputs Open
L
240
170
155
140
140
140
(Semaphores
SEM < VIL
Both Sides)
f = fMAX(3)
ISB1
Standby Current
CEL and CER = VIH COM’L. S
25
80
25
80
25
75
25
70
25
70
25
70
mA
(Both Ports—TTL
SEML = SEMR > VIH
L
25
80
25
50
25
45
25
40
25
40
25
40
Level Inputs)
f = fMAX(3)
ISB2
Standby Current
CE"A" = VIL and
COM’L. S
180
180
170
160
160
160
mA
(One Port—TTL
CE"B" = VIH(5)
L
150
150
140
130
130
130
Level Inputs)
Active Port Outputs
Open, f = fMAX(3)
ISB3
Full Standby Current Both Ports
CEL and COM’L. S
1.0
15
1.0
15
1.0
15
1.0
15
1.0
15
1.0
15
mA
(Both Ports—All
CER > VCC - 0.2V
L
0.2
4.5
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
0.2
4.0
CMOS Level Inputs)
VIN > VCC - 0.2V or
VIN < 0.2V
SEML = SEMR >
VCC - 0.2V, f = 0(4)
ISB4
Full Standby Current One Port
CE"A" or
COM’L. S
170
170
150
150
150
150
mA
(One Port—All
CE"B" > VCC - 0.2V
L
140
140
130
120
120
120
CMOS Level Inputs)
VIN > VCC - 0.2V or
VIN < 0.2V
SEML = SEMR >
VCC - 0.2V
Active Port Outputs
Open, f = fMAX(3)
NOTES:
1. “X” in part number indicates power rating (SA or LA).
2. VCC = 5V, TA = +25
°C for typical values, and parameters are not production tested.
3. fMAX = 1/tRC = All inputs cycling at f = 1/tRC (except Output Enable).
4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby ISB3.
5. Port "A" may be either left or right port. Port "B" is opposite from port "A".
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE (VCC = 5V
± 10%)
IDT71342SA
IDT71342LA
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage Current
(1)
VCC = 5.5V, VIN = 0V to VCC
—10—
5
µA
|ILO|
Output Leakage Current
CE = VIH, VOUT = 0V to VCC
—10—
5
µA
VOL
Output Low Voltage
IOL = 6mA
0.4
0.4
V
IOL = 8mA
0.5
0.5
V
VOH
Output High Voltage
IOH = –4mA
2.4
2.4
V
2721 tbl 05
1. At Vcc < 2.0V input leakages are undefined.
NOTE:
2721 tbl 06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com