Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71342LA55PF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT71342LA55PF
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA55PF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT71342LA55PF Datasheet HTML 5Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 6Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 7Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 8Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 9Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 10Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 11Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 12Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
6.05
11
IDT71342SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
COMMERCIAL TEMPERATURE RANGE
TABLE I — NON-CONTENTION READ/WRITE CONTROL
Left or Right Port
(1)
R/
W
W
W
W
W
CE
CE
CE
CE
CE
SEM
SEM
SEM
SEM
SEM
OE
OE
OE
OE
OE
D0-7
Function
X
H
H
X
Z
Port Disabled and in Power Down Mode
H
H
L
L
DATAOUT
Data in Semaphore Flag Output on Port
X
X
X
H
Z
Output Disabled
u
H
L
X
DATAIN
Port Data Bit D0 Written Into Semaphore Flag
H
L
H
L
DATAOUT
Data in Memory Output on Port
L
L
H
X
DATAIN
Data on Port Written Into Memory
X
L
L
X
Not Allowed
2721 tbl 13
NOTE:
1. AOL = A10L
≠ A0R - A10R.
"H" = HIGH, "L" = LOW, "X" = Don’t Care, "Z" = High-impedance, and "
u" = Low-to-High transition.
processor writes a zero in the left port at a free semaphore
location. On a subsequent read, the processor will verify that
it has written successfully to that location and will assume
control over the resource in question. Meanwhile, if a processor
on the right side attempts to write a zero to the same semaphore
flag it will fail, as will be verified by the fact that a one will be
read from that semaphore on the right side during a subsequent
read. Had a sequence of READ/WRITE been used instead,
system contention problems could have occurred during the
gap between the read and write cycles.
It is important to note that a failed semaphore request must
be followed by either repeated reads or by writing a one into
the same location. The reason for this is easily understood by
looking at the simple logic diagram of the semaphore flag in
Figure 3.
Two semaphore request latches feed into a
semaphore flag. Whichever latch is first to present a zero to
the semaphore flag will force its side of the semaphore flag low
and the other side high. This condition will continue until a one
is written to the same semaphore request latch. Should the
other side’s semaphore request latch have been written to a
zero in the meantime, the semaphore flag will now stay low
until its semaphore request latch is written to a one. From this
it is easy to understand that, if a semaphore is requested and
the processor which requested it no longer needs the resource,
the entire can hang up until a one is written into that semaphore
request latch.
The critical case of semaphore timing is when both sides
request a single token by attempting to write a zero into it at
the same time. The semaphore logic is specially designed to
resolve this problem. If simultaneous requests are made, the
logic guarantees that only one side receives the token. If one
side is earlier than the other in making the request, the first
TABLE II — EXAMPLE SEMAPHORE PROCUREMENT SEQUENCE(1,2)
Function
D0 - D7 Left
D0 - D7 Right
Status
No Action
1
1
Semaphore free
Left Port Writes “0” to Semaphore
0
1
Left port has semaphore token
Right Port Writes “0” to Semaphore
0
1
No change. Right side has no write access to semaphore
Left Port Writes “1” to Semaphore
1
0
Right port obtains semaphore token
Left Port Writes “0” to Semaphore
1
0
No change. Left side has no write access to semaphore
Right Port Writes “1” to Semaphore
0
1
Left port obtains semaphore token
Left Port Writes “1” to Semaphore
1
1
Semaphore free
Right Port Writes “0” to Semaphore
1
0
Right port has semaphore token
Right Port Writes “1” to Semaphore
1
1
Semaphore free
Left Port Writes “0” to Semaphore
0
1
Left port has semaphore token
Left Port Writes “1” to Semaphore
1
1
Semaphore free
2721 tbl 14
NOTES:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT71342.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O7). These eight semaphores are addressed by A0 - A2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com