Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT71342LA55PF Datasheet(PDF) 12 Page - Integrated Device Technology

Part # IDT71342LA55PF
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71342LA55PF Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button IDT71342LA55PF Datasheet HTML 5Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 6Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 7Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 8Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 9Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 10Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 11Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 12Page - Integrated Device Technology IDT71342LA55PF Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
IDT71342SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
COMMERCIAL TEMPERATURE RANGE
6.05
12
side to make the request will receive the token.
If both
requests arrive at the same time, the assignment will be
arbitrarily made to one port or the other.
One caution that should be noted when using semaphores
is that semaphores alone do not guarantee that access to a
resource is secure. As with any powerful programming
technique, if semaphores are misused or misinterpreted, a
software error can easily happen. Code integrity is of the
utmost importance when semaphores are used instead of
slower, more restrictive hardware intensive schemes.
Initialization of the semaphores is not automatic and must
be handled via the initialization program at power up. Since
any semaphore request flag which contains a zero must be
reset to a one, all semaphores on both sides should have a
one written into them at initialization from both sides to assure
that they will be free when needed.
USING SEMAPHORES–Some examples
Perhaps the simplest application of semaphores is their
application as resource markers for the IDT71342’s Dual-Port
RAM. Say the 4K x 8 RAM was to be divided into two 2K x 8
blocks which were to be dedicated at any one time to servicing
either the left or right port. Semaphore 0 could be used to
indicate the side which would control the lower section of
memory, and Semaphore 1 could be defined as the indicator
for the upper section of the memory.
To take a resource, in this example the lower 2K of Dual-
Port RAM, the processor on the left port could write and then
read a zero into Semaphore 0. If this task were successfully
completed (a zero was read back rather than a one), the left
processor would assume control of the lower 2K. Meanwhile,
the right processor would attempt to perform the same function.
Since this processor was attempting to gain control of the
resource after the left processor, it would read back a one in
response to the zero it had attempted to write into Semaphore
0. At this point, the software could choose to try and gain
control of the second 2K section by writing, then reading a zero
into Semaphore 1. If it succeeded in gaining control, it would
lock out the left side.
Once the left side was finished with its task, it would write
a one to Semaphore 0 and may then try to gain access to
Semaphore 1. If Semaphore 1 was still occupied by the right
side, the left side could undo its semaphore request and
perform other tasks until it was able to write, then read a zero
into Semaphore 1. If the right processor performs a similar
task with Semaphore 0, this protocol would allow the two
processors to swap 2K blocks of Dual-Port RAM with each
other.
The blocks do not have to by any particular size and can
even be variable, depending upon the complexity of the
software using the semaphore flags. All eight semaphores
could be used to divide the Dual-Port RAM or other shared
resources into eight parts. Semaphores can even be assigned
different meanings on different sides rather than being given
a common meaning as was shown in the example above.
Semaphores are a useful form of arbitration in systems like
disk interfaces where the CPU must be locked out of a section
of memory during a transfer and the I/O device cannot tolerate
any wait states. With the use of semaphores, once the two
devices had determined which memory area was “off limits” to
the CPU, both the CPU and the I/O devices could access their
assigned portions of memory continuously without any wait
states.
Semaphores are also useful in applications where no
memory “WAIT” state is available on one or both sides. Once
a semaphore handshake has been performed, both processors
can access their assigned RAM segments at full speed.
Another application is in the area of complex data structures.
In this case, block arbitration is very important.
For this
application one processor may be responsible for building and
updating a data structure. The other processor then reads
and interprets that data structure. If the interpreting processor
reads an incomplete data structure, a major error condition
may exist. Therefore, some sort of arbitration must be used
between the two different processors. The building processor
arbitrates for the block, locks it and then is able to go in and
update the data structure. When the update is completed, the
data structure block is released. This allows the interpreting
processor to come back and read the complete data structure,
thereby guaranteeing a consistent data structure.
Figure 3. IDT71342 Semaphore Logic
SEMAPHORE
REQUEST FLIP FLOP
DQ
SEMAPHORE
REQUEST FLIP FLOP
QD
WRITE
D0
SEMAPHORE
READ
SEMAPHORE
READ
D0
WRITE
R PORT
L PORT
2721 drw 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com