Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55L48 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7134LA55L48
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55L48 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7134LA55L48 Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.04
2
IDT7134SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS(1,2)
NOTES:
1. All Vcc pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. This text does not indicate orientation of actual part-marking.
A10R
2720 drw 02
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
I/O6R
I/O7R
A9R
A8R
A7R
A6R
A4R
A3R
A2R
A1R
A0R
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
148
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O 2L
I/O 3L
I/O 4L
I/O 5L
I/O 6L
I/O 7L
IDT7134
P48–1
&
C48–2
DIP
TOP
VIEW (3)
CEL
R/
WL
OEL
VCC
A5R
R
OE
A11R
R/
WR
CER
A11L
A10L
GND
2720 drw 04
IDT7134
L48-1
&
F48-1
LCC/Flatpack
TOP VIEW (3)
INDEX
65
43
2
1
48 47 46 45 44 43
19 20 21 22 23
25 26 27 28 29 30
24
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O6R
I/O7R
42
41
40
39
38
37
36
35
34
33
32
31
7
8
9
10
11
12
13
14
15
16
17
18
2720 drw 03
IDT7134
J52-1
PLCC
TOP VIEW (3)
INDEX
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
N/C
I/O7R
46
45
44
43
42
41
40
39
38
37
36
35
34
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
8
9
10
11
12
13
14
15
16
17
18
19
20
47
48
49
50
51
52
1
2
3
4
5
6
7
33
32
31
30
29
28
27
26
25
24
23
22
21
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Com’l.
Mil.
Unit
VTERM
(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to Ground
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
(3)
Power Dissipation
1.5
1.5
W
IOUT
DC Output Current
50
50
mA
2720 tbl 01
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VTERM must not exceed Vcc + 0.5V for more than 25%of the cycle time or
10 ns maximum, and is limited to < 20mA for the period of VTERM > Vcc
+0.5V.
CAPACITANCE(1) (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dv
11
pF
COUT
Output Capacitance
VOUT = 3dv
11
pF
2720 tbl 02
NOTES:
1. This parameter is determined by device characterization but is not
production tested.
2. 3dv references the interpolated capacitance when the input and output
signals switch from 0V to 3V and from 3V to 0V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com