Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55L48 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7134LA55L48
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55L48 Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT7134LA55L48 Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
6.04
9
IDT7134SA/LA
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
TRUTH TABLE I – READ/WRITE CONTROL(2)
Left or Right Port
(1)
R/
W
W
W
W
W
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
D0-7
Function
X
H
X
Z
Port Disabled and in Power
Down Mode, ISB2 or ISB4
XH
X
Z
CER = CEL = H, Power Down
Mode, ISB1 or ISB3
L
L
X
DATAIN
Data on port written into
memory
H
L
L
DATAOUT
Data in memory output on port
X
X
H
Z
High impedance outputs
2720 tbl 11
NOTES:
1. AOL - A11L
≠ AOR - A11R
2. "H" = HIGH, "L" = LOW, "X" = Don’t Care, and "Z" = High-impedance
FUNCTIONAL DESCRIPTION
The IDT7134 provides two ports with separate control,
address, and I/O pins that permit independent access for
reads or writes to any location in memory. These devices have
an automatic power down feature controlled by
CE. The CE
controls on-chip power down circuitry that permits the
respective port to go into standby mode when not selected
(
CE high). When a port is enabled, access to the entire
memory array is permitted. Each port has its own Output
Enable control (
OE). In the read mode, the port’s OE turns on
the output drivers when set LOW. Non-contention READ/
WRITE conditions are illustrated in the table below.
2720 drw 13
IDT
XXXX
A
999
A
A
Device Type
Power
Speed
Package
Process/
Temperature
Range
Blank
B
P
C
J
L48
F
20
25
35
45
55
70
LA
SA
7134
Commercial (0
°C to +70°C)
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
48-pin Plastic DIP (P48-1)
48-pin Ceramic DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
Speed in nanoseconds
Low Power
Standard Power
32K (4K x 8-Bit) Dual-Port RAM
Commercial Only



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com