Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7134LA55L48 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7134LA55L48
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134LA55L48 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7134LA55L48 Datasheet HTML 1Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 2Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 3Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 4Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 5Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 6Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 7Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 8Page - Integrated Device Technology IDT7134LA55L48 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
OCTOBER 1996
©1996 Integrated Device Technology, Inc.
DSC-2720/4
IDT7134SA/LA
HIGH-SPEED
4K x 8 DUAL-PORT
STATIC RAM
FEATURES:
• High-speed access
— Military: 25/35/45/55/70ns (max.)
— Commercial: 20/25/35/45/55/70ns (max.)
• Low-power operation
— IDT7134SA
Active: 500mW (typ.)
Standby: 5mW (typ.)
— IDT7134LA
Active: 500mW (typ.)
Standby: 1mW (typ.)
• Fully asynchronous operation from either port
• Battery backup operation—2V data retention
• TTL-compatible; single 5V (
±10%) power supply
• Available in several popular hermetic and plastic packages
• Military product compliant to MIL-STD-883, Class B
• Industrial temperature range (–40
°C to +85°C) is available,
tested to military electrical specifications
systems which cannot tolerate wait states or are designed to
be able to externally arbitrate or withstand contention when
both sides simultaneously access the same Dual-Port RAM
location.
The IDT7134 provides two independent ports with separate
control, address, and I/O pins that permit independent,
asynchronous access for reads or writes to any location in
memory. It is the user’s responsibility to ensure data integrity
when simultaneously accessing the same memory location
from both ports. An automatic power down feature, controlled
by
CE, permits the on-chip circuitry of each port to enter a very
low standby power mode.
Fabricated using IDT’s CMOS high-performance
technology, these Dual-Port typically on only 500mW of
power. Low-power (LA) versions offer battery backup data
retention capability, with each port typically consuming 200
µW
from a 2V battery.
The IDT7134 is packaged on either a sidebraze or plastic
48-pin DIP, 48-pin LCC, 52-pin PLCC and 48-pin Ceramic
Flatpack. Military grade product is manufactured in compliance
with the latest revision of MIL-STD-883, Class B, making it
ideally suited to military temperature applications demanding
the highest level of performance and reliability.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
DESCRIPTION:
The IDT7134 is a high-speed 4K x 8 Dual-Port Static RAM
designed to be used in systems where on-chip hardware port
arbitration is not needed.
This part lends itself to those
FUNCTIONAL BLOCK DIAGRAM
For latest information contact IDT’s web site at www.idt.com or fax-on-demand at 408-492-8391.
6.04
COLUMN
I/O
COLUMN
I/O
MEMORY
ARRAY
LEFT SIDE
ADDRESS
DECODE
LOGIC
RIGHT SIDE
ADDRESS
DECODE
LOGIC
R/
WL
OEL
A0L- A11L
I/O0L- I/O7L
2720 drw 01
CEL
A0R- A11R
I/O0R- I/O7R
OER
CER
R/
WR


Similar Part No. - IDT7134LA55L48

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134LA55L48 IDT-IDT7134LA55L48 Datasheet
148Kb / 11P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134LA55L48B IDT-IDT7134LA55L48B Datasheet
148Kb / 11P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134LA55L48I IDT-IDT7134LA55L48I Datasheet
148Kb / 11P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7134LA55L48

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com