Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7142LA55J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7142LA55J
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA55J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7142LA55J Datasheet HTML 2Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 3Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 4Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 5Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 6Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 7Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 8Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 9Page - Integrated Device Technology IDT7142LA55J Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.02
6
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(5)
7132X20(2)
7132X25(6)
7132X35
7132X55
7132X100
7142X25(6)
7142X35
7142X55
7142X100
Symbol
Parameter
Min.
Max.
Min. Max.
Min.
Max. Min.
Max.
Min.
Max.
Unit
Write Cycle
tWC
Write Cycle Time(3)
20
—
25
—
35
—
55
—
100
—
ns
tEW
Chip Enable to End of Write
15
—
20
—
30
—
40
—
90
—
ns
tAW
Address Valid to End of Write
15
—
20
—
30
—
40
—
90
—
ns
tAS
Address Set-up Time
0
—
0
—
0
—
0
—
0
—
ns
tWP
Write Pulse Width(4)
15
—
15
—
25
—
30
—
55
—
ns
tWR
Write Recovery Time
0
—
0
—
0
—
0
—
0
—
ns
tDW
Data Valid to End of Write
10
—
12
—
15
—
20
—
40
—
ns
tHZ
Output High Z Time(1)
—
10
—
10
—
15
—
25
—
40
ns
tDH
Data Hold Time
0
—
0
—
0
—
0
—
0
—
ns
tWZ
Write Enabled to Output in High Z(1)
—
10
—
10
—
15
—
30
—
40
ns
tOW
Output Active From End of Write(1)
0—
0—
0—
0—
0
—
ns
TIMING WAVEFORM OF READ CYCLE NO. 2, EITHER SIDE (3)
CAPACITANCE(1) (TA = +25
°C,f = 1.0MHz)
Symbol
Parameter
Conditions(2) Max. Unit
CIN
Input Capacitance
VIN = 3dV
11
pF
COUT
Output Capacitance
VIN = 3dV
11
pF
NOTES:
1. This parameter is determined by device characterization but is not
production tested.
2. 3dV represents the interpolated capacitance when the input and output
signals switch from 0V to 3V or from 3V to 0V.
2692 tbl 10
CE
tACE
tHZ
tLZ
tPD
VALID DATA
tPU
50%
OE
DATAOUT
CURRENT
ICC
ISS
50%
2692 drw 08
(4)
(1)
(1)
(2)
(2)
(4)
tLZ
tHZ
tAOE
NOTES:
1. Timing depends on which signal is asserted last,
OE or CE.
2. Timing depends on which signal is deaserted first,
OE or CE.
3. R/
W = VIH, and the address is valid prior to or coincidental with CE transition Low.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.
NOTES:
2692 tbl 09
1. Transition is measured
±500mV from Low or High-impedance voltage with Output Test Load (Figure 2). This parameter is guaranteed by
device characterization but is not production tested.
2. 0
°C to +70°C temperature range only, PLCC package only.
3. For Master/Slave combination, tWC = tBAA + tWP, since R/
W = VIL must occur after tBAA.
4. If
OE is low during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off
data to be placed on the bus for the required tDW. If
OE is High during a R/W controlled write cycle, this requirement does not apply and the
write pulse can be as short as the specified tWP.
5. “X” in part numbers indicates power rating (SA or LA).
6. Not available in DIP packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com